Electronic Components Datasheet Search
  English  ▼

X  

SN54HC157 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN54HC157
Description  SNx4HC157 Quadruple 2-Line to 1-Line Data Selectors/Multiplexers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54HC157 Datasheet(HTML) 5 Page - Texas Instruments

  SN54HC157 Datasheet HTML 1Page - Texas Instruments SN54HC157 Datasheet HTML 2Page - Texas Instruments SN54HC157 Datasheet HTML 3Page - Texas Instruments SN54HC157 Datasheet HTML 4Page - Texas Instruments SN54HC157 Datasheet HTML 5Page - Texas Instruments SN54HC157 Datasheet HTML 6Page - Texas Instruments SN54HC157 Datasheet HTML 7Page - Texas Instruments SN54HC157 Datasheet HTML 8Page - Texas Instruments SN54HC157 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
4.4 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
VCC
TA = 25°C
SN54HC157
SN74HC157
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
VOH
IOH = −20 μA
2 V
1.9
1.998
1.9
1.9
V
4.5 V
4.4
4.499
4.4
4.4
6 V
5.9
5.999
5.9
5.9
IOH = −6 mA
4.5 V
3.98
4.3
3.7
3.7
IOH = −7.8 mA
6 V
5.48
5.8
5.2
5.2
VOL
IOL = 20 μA
2 V
0.002
0.1
0.1
0.1
V
4.5 V
0.001
0.1
0.1
0.1
6 V
0.001
0.1
0.1
0.1
IOL = 6 mA
4.5 V
0.17
0.26
0.4
0.4
IOL = 7.8 mA
6 V
0.15
0.26
0.4
0.4
II
VI = VCC or 0
6 V
±0.1
±100
±1000
±1000
nA
ICC
VI = VCC or 0 IO = 0
6 V
8
160
160
μA
Ci
2 V to 6 V
3
10
10
10
pF
(1)
VI = VIH or VIL, unless otherwise noted.
4.5 Switching Characteristics
over recommended operating free-air temperature range, CL = 50 pF (unless otherwise noted) (See Mechanical, Packaging,
and Orderable Information
PARAMETER
FROM
(INPUT)
TO (OUTPUT)
VCC
(V)
TA = 25°C
SN54HC157
SN74HC157
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tpd
Propagation delay
A or B
Y
2
63
125
190
190
ns
4.5
13
25
38
38
6
11
21
32
32
A/B
Y
2
67
125
190
190
ns
4.5
18
25
38
38
6
14
21
32
32
G
Y
2
59
115
170
170
ns
4.5
16
23
34
34
6
13
20
29
29
tt
Transition time
Y
2
28
60
90
90
ns
4.5
8
12
18
18
6
6
10
15
15
www.ti.com
SN54HC157, SN74HC157
SCLS113F – DECEMBER 1982 – REVISED FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: SN54HC157 SN74HC157



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com