Electronic Components Datasheet Search
  English  ▼

X  

SN54HC157 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN54HC157
Description  SNx4HC157 Quadruple 2-Line to 1-Line Data Selectors/Multiplexers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54HC157 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN54HC157 Datasheet HTML 3Page - Texas Instruments SN54HC157 Datasheet HTML 4Page - Texas Instruments SN54HC157 Datasheet HTML 5Page - Texas Instruments SN54HC157 Datasheet HTML 6Page - Texas Instruments SN54HC157 Datasheet HTML 7Page - Texas Instruments SN54HC157 Datasheet HTML 8Page - Texas Instruments SN54HC157 Datasheet HTML 9Page - Texas Instruments SN54HC157 Datasheet HTML 10Page - Texas Instruments SN54HC157 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
5 Parameter Measurement Information
tpd is the maximum between tPLH and tPHL
Figure 5-1. Load Circuit
Figure 5-2. Voltage Waveforms
Propagation Delay and Output Transition Times
Figure 5-3. Voltage Waveform
Input Rise and Fall Times
A. CL includes probe and test-fixture capacitance.
B. Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by generators
having the following characteristics: PRR ≤ 1 MHz, ZO = 50 Ω, tr = 6 ns, tf = 6 ns.
C. The outputs are measured one at a time with one input transition per measurement.
www.ti.com
SN54HC157, SN74HC157
SCLS113F – DECEMBER 1982 – REVISED FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: SN54HC157 SN74HC157



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com