Electronic Components Datasheet Search
  English  ▼

X  

SN54HC257 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN54HC257
Description  SNx4HC257, SNx4HC258 Quadruple 2-Line to 1-Line Data Selectors/Multiplexers With 3-State Outputs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54HC257 Datasheet(HTML) 5 Page - Texas Instruments

  SN54HC257 Datasheet HTML 1Page - Texas Instruments SN54HC257 Datasheet HTML 2Page - Texas Instruments SN54HC257 Datasheet HTML 3Page - Texas Instruments SN54HC257 Datasheet HTML 4Page - Texas Instruments SN54HC257 Datasheet HTML 5Page - Texas Instruments SN54HC257 Datasheet HTML 6Page - Texas Instruments SN54HC257 Datasheet HTML 7Page - Texas Instruments SN54HC257 Datasheet HTML 8Page - Texas Instruments SN54HC257 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5.4 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
(1)
VCC
TA = 25°C
SN54HC257,
SN54HC258
SN74HC257,
SN74HC258
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
VOH
IOH = −20 μA
2 V
1.9
1.998
1.9
1.9
V
4.5 V
4.4
4.499
4.4
4.4
6 V
5.9
5.999
5.9
5.9
IOH = −6 mA
4.5 V
3.98
4.3
3.7
3.84
IOH = −7.8 mA
6 V
5.48
5.8
5.2
5.34
VOL
IOL = 20 μA
2 V
0.002
0.1
0.1
0.1
V
4.5 V
0.001
0.1
0.1
0.1
6 V
0.001
0.1
0.1
0.1
IOL = 6 mA
4.5 V
0.17
0.26
0.4
0.33
IOL = 7.8 mA
6 V
0.15
0.26
0.4
0.33
II
VI = VCC or 0
6 V
±0.1
±100
±1000
±1000
nA
IOZ
VO = VCC or 0
6 V
±0.01
±0.5
±10
±5
μA
ICC
VI = VCC or 0, IO = 0
6 V
8
160
80
μA
Ci
2 V to 6 V
3
10
10
10
pF
(1)
VI = VIH or VIL, unless otherwise noted.
www.ti.com
SN54HC257, SN54HC258, SN74HC257, SN74HC258
SCLS224C – DECEMBER 1982 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: SN54HC257 SN54HC258 SN74HC257 SN74HC258



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com