Electronic Components Datasheet Search
  English  ▼

X  

SN54HC257 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN54HC257
Description  SNx4HC257, SNx4HC258 Quadruple 2-Line to 1-Line Data Selectors/Multiplexers With 3-State Outputs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54HC257 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN54HC257 Datasheet HTML 3Page - Texas Instruments SN54HC257 Datasheet HTML 4Page - Texas Instruments SN54HC257 Datasheet HTML 5Page - Texas Instruments SN54HC257 Datasheet HTML 6Page - Texas Instruments SN54HC257 Datasheet HTML 7Page - Texas Instruments SN54HC257 Datasheet HTML 8Page - Texas Instruments SN54HC257 Datasheet HTML 9Page - Texas Instruments SN54HC257 Datasheet HTML 10Page - Texas Instruments SN54HC257 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
5.5 Switching Characteristics
over recommended operating free-air temperature range, CL = 50 pF (unless otherwise noted) (See Figure 6)
PARAMETER
FROM
(INPUT)
TO (OUTPUT)
VCC
(V)
TA = 25°C
SN54HC258
SN74HC258
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tpd
Propagation delay
A or B
Any Y
2
60
100
150
125
ns
4.5
13
20
30
25
6
12
17
25
21
A/B
Any Y
2
60
115
175
145
4.5
13
23
35
29
6
12
20
30
25
ten
Enable time
G
Any Y
2
70
150
225
190
ns
4.5
15
30
45
38
6
13
26
38
32
tdis
Diable time
G
Any Y
2
75
150
225
190
ns
4.5
15
30
45
38
6
13
26
38
32
tt
Transition time
Any Y
2
28
60
90
75
ns
4.5
8
12
18
15
6
6
10
15
13
5.5 Switching Characteristics
over recommended operating free-air temperature range, CL = 150 pF (unless otherwise noted) (See Figure 6)
PARAMETER
FROM
(INPUT)
TO (OUTPUT)
VCC
(V)
TA = 25°C
SN54HC258
SN74HC258
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tpd
Propagation delay
A or B
Any Y
2
95
150
245
190
ns
4.5
23
30
45
38
6
21
26
38
32
A/B
Any Y
2
95
165
240
210
4.5
23
33
48
42
6
21
28
41
36
ten
Enable time
G
Any Y
2
100
200
300
250
ns
4.5
24
40
60
50
6
18
34
51
43
tt
Transition time
Any Y
2
45
210
315
265
ns
4.5
17
42
63
53
6
13
36
53
45
5.6 Operating Characteristics
TA = 25°C
Test Conditions
TYP
UNIT
Cpd
Power dissipation capacitance per multiplexer
No load
40
pF
www.ti.com
SN54HC257, SN54HC258, SN74HC257, SN74HC258
SCLS224C – DECEMBER 1982 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: SN54HC257 SN54HC258 SN74HC257 SN74HC258



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com