Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC74AD.B Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74LVC74AD.B
Description  SNx4LVC74A Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear and Preset
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC74AD.B Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC74AD.B Datasheet HTML 1Page - Texas Instruments SN74LVC74AD.B Datasheet HTML 2Page - Texas Instruments SN74LVC74AD.B Datasheet HTML 3Page - Texas Instruments SN74LVC74AD.B Datasheet HTML 4Page - Texas Instruments SN74LVC74AD.B Datasheet HTML 5Page - Texas Instruments SN74LVC74AD.B Datasheet HTML 6Page - Texas Instruments SN74LVC74AD.B Datasheet HTML 7Page - Texas Instruments SN74LVC74AD.B Datasheet HTML 8Page - Texas Instruments SN74LVC74AD.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 4
5.1 Absolute Maximum Ratings........................................ 4
5.2 ESD Ratings............................................................... 4
5.3 Recommended Operating Conditions.........................4
5.4 Thermal Information: SN74LVC74A............................5
5.5 Electrical Characteristics.............................................5
5.6 Timing Requirements: SN54LVC74A..........................6
5.7 Timing Requirements: SN74LVC74A..........................6
5.8 Timing Requirements: SN74LVC74A, –40°C to
125°C and –40°C to 85°C............................................. 7
5.9 Switching Characteristics: SN54LVC74A....................7
5.10 Switching Characteristics: SN74LVC74A..................7
5.11 Switching Characteristics: SN74LVC74A, –
40°C to 125°C and –40°C to 85°C................................ 8
5.12 Operating Characteristics......................................... 8
5.13 Typical Characteristics.............................................. 8
6 Parameter Measurement Information............................ 9
7 Detailed Description......................................................10
7.1 Overview................................................................... 10
7.2 Functional Block Diagram......................................... 10
7.3 Feature Description...................................................10
7.4 Device Functional Modes..........................................10
8 Application and Implementation.................................. 11
8.1 Application Information..............................................11
8.2 Typical Application.................................................... 11
8.3 Power Supply Recommendations.............................12
8.4 Layout....................................................................... 12
9 Device and Documentation Support............................14
9.1 Documentation Support............................................ 14
9.2 Receiving Notification of Documentation Updates....14
9.3 Support Resources................................................... 14
9.4 Trademarks...............................................................14
9.5 Electrostatic Discharge Caution................................14
9.6 Glossary....................................................................14
10 Revision History.......................................................... 14
11 Mechanical, Packaging, and Orderable
Information.................................................................... 15
SN54LVC74A, SN74LVC74A
SCAS287W – JANUARY 1993 – REVISED DECEMBER 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN54LVC74A SN74LVC74A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com