Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC74AD.B Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74LVC74AD.B
Description  SNx4LVC74A Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear and Preset
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC74AD.B Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC74AD.B Datasheet HTML 1Page - Texas Instruments SN74LVC74AD.B Datasheet HTML 2Page - Texas Instruments SN74LVC74AD.B Datasheet HTML 3Page - Texas Instruments SN74LVC74AD.B Datasheet HTML 4Page - Texas Instruments SN74LVC74AD.B Datasheet HTML 5Page - Texas Instruments SN74LVC74AD.B Datasheet HTML 6Page - Texas Instruments SN74LVC74AD.B Datasheet HTML 7Page - Texas Instruments SN74LVC74AD.B Datasheet HTML 8Page - Texas Instruments SN74LVC74AD.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Supply voltage, VCC
–0.5
6.5
V
Input voltage, VI (2)
–0.5
6.5
V
Output voltage, VO (2) (3)
–0.5
VCC + 0.5
V
Input clamp current, IIK
VI < 0
–50
mA
Output clamp current, IOK
VO < 0
–50
mA
Continuous output current, IO
±50
mA
Continuous current through VCC or GND
±100
mA
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The value of VCC is provided in Recommended Operating Conditions .
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
5.3 Recommended Operating Conditions
see(1)
MIN
MAX
UNIT
VCC
Supply voltage
Operating
SN54LVC74A
2
3.6
V
SN74LVC74A
1.65
3.6
Data retention only
1.5
VIH
High-level input voltage
VCC = 1.65 V to 1.95 V
SN74LVC74A
0.65 × VCC
V
VCC = 2.3 V to 2.7 V
SN74LVC74A
1.7
VCC = 2.7 V to 3.6 V
2
VIL
Low-level input voltage
VCC = 1.65 V to 1.95 V
SN74LVC74A
0.35 × VCC
V
VCC = 2.3 V to 2.7 V
SN74LVC74A
0.7
VCC = 2.7 V to 3.6 V
0.8
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCC
V
IOH
High-level output current
VCC = 1.65 V
SN74LVC74A
–4
mA
VCC = 2.3 V
SN74LVC74A
–8
VCC = 2.7 V
–12
VCC = 3 V
–24
IOL
Low-level output current
VCC = 1.65 V
SN74LVC74A
4
mA
VCC = 2.3 V
SN74LVC74A
8
VCC = 2.7 V
12
VCC = 3 V
24
Δt/Δv
Input transition rise or fall rate
10
ns/V
SN54LVC74A, SN74LVC74A
SCAS287W – JANUARY 1993 – REVISED DECEMBER 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN54LVC74A SN74LVC74A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com