Electronic Components Datasheet Search
  English  ▼

X  

ICS570-01 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS570-01
Description  MULTIPLIER AND ZERO DELAY BUFFER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS570-01 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS570-01 Datasheet HTML 1Page - Integrated Device Technology ICS570-01 Datasheet HTML 2Page - Integrated Device Technology ICS570-01 Datasheet HTML 3Page - Integrated Device Technology ICS570-01 Datasheet HTML 4Page - Integrated Device Technology ICS570-01 Datasheet HTML 5Page - Integrated Device Technology ICS570-01 Datasheet HTML 6Page - Integrated Device Technology ICS570-01 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DATASHEET
MULTIPLIER AND ZERO DELAY BUFFER
ICS570-01
IDT™ / ICS™ MULTIPLIER AND ZERO DELAY BUFFER
1
ICS570-01
REV B 072706
Description
The ICS570-01 is a high-performance Zero Delay Buffer
(ZDB) which integrates IDT’s proprietary mixed signal
Phased Lock Loop (PLL) techniques. The zero delay feature
means that the rising edge of the input clock aligns with the
rising edges of the output clock, giving the appearance of no
delay through the device. The device includes an on-chip
ROM table with nine different mulitplication factors, allowing
it to generate many common output frequencies from a
single input.
Features
• 8-pin MSOP package (3.00 mm x 3.00 mm body)
• Available in Pb (lead) free package
• Low input to output skew of 300 ps max
• Can recover degraded input clock duty cycle
• Output clock duty cycle of 45/55
• Power Down and Tri-State Mode
• Accepts spread spectrum clock inputs
• Advanced, low power CMOS process
• 3.3 V operation
• Industrial temperature version available
Block Diagram
PLL
ICLK
CLK
Power
GND
S1:0
FBIN
2


Similar Part No. - ICS570-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS570 ICST-ICS570 Datasheet
199Kb / 9P
Multiplier and Zero Delay Buffer
Revision 030905
logo
Integrated Device Techn...
ICS570 IDT-ICS570 Datasheet
256Kb / 11P
8-pin SOIC package
logo
Integrated Circuit Syst...
ICS570A ICST-ICS570A Datasheet
85Kb / 6P
Multiplier and Zero Delay Buffer
Revision 102700
ICS570A ICST-ICS570A Datasheet
199Kb / 9P
Multiplier and Zero Delay Buffer
Revision 030905
ICS570AI ICST-ICS570AI Datasheet
85Kb / 6P
Multiplier and Zero Delay Buffer
Revision 102700
More results

Similar Description - ICS570-01

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W194 CYPRESS-W194 Datasheet
102Kb / 6P
Frequency Multiplier and Zero Delay Buffer
January 5, 2000, rev. A
logo
Integrated Circuit Syst...
ICS570A ICST-ICS570A Datasheet
85Kb / 6P
Multiplier and Zero Delay Buffer
Revision 102700
ICS570B ICST-ICS570B Datasheet
96Kb / 6P
Multiplier and Zero Delay Buffer
Revision 053001
logo
Cypress Semiconductor
CY2302 CYPRESS-CY2302 Datasheet
103Kb / 7P
Frequency Multiplier and Zero Delay Buffer
logo
List of Unclassifed Man...
MK2302S-01 ETC-MK2302S-01 Datasheet
161Kb / 6P
Multiplier and Zero Delay Buffer
logo
Integrated Circuit Syst...
ICS2402 ICST-ICS2402 Datasheet
136Kb / 7P
Multiplier and Zero Delay Buffer
Revision 122104
ICS570 ICST-ICS570 Datasheet
199Kb / 9P
Multiplier and Zero Delay Buffer
Revision 030905
logo
Cypress Semiconductor
CY2302 CYPRESS-CY2302_05 Datasheet
84Kb / 7P
Frequency Multiplier and Zero Delay Buffer
logo
Renesas Technology Corp
MK2302-01 RENESAS-MK2302-01 Datasheet
331Kb / 8P
MULTIPLIER AND ZERO DELAY BUFFER
051310
ICS671-01 RENESAS-ICS671-01 Datasheet
338Kb / 7P
ZERO DELAY LOW SKEW BUFFER AND MULTIPLIER
051310
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com