Electronic Components Datasheet Search
  English  ▼

X  

CP80 Datasheet(PDF) 2 Page - Multicomp Pro

Part # CP80
Description  Single Phase Bridge Rectifiers CP80 Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

CP80 Datasheet(HTML) 2 Page - Multicomp Pro

  CP80 Datasheet HTML 1Page - Multicomp Pro CP80 Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Single Phase Bridge Rectifiers
CP80 Series
Page <2>
13/06/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Rating and Characteristic Curves
Number of Cycles at 60 Hz
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
Ambient Temperature, °C
Figure 2 - Derating Curve for Output Rectified Current
Ambient Temperature, °C
Figure 3 - Typical Forward Characteristics (25°C)
Percent of Rated Peak Reverse Voltage
Figure 4 - Reverse Characteristics
Specification Table
VRRM
(V)
Maximum
Input Voltage
(V ac)
IO
(A)
TA
(°C)
IFSM
(A)
Body
Lead
Part
Number
Height
Width / Depth
Length
Spacing Diameter
200
600
8
50
200
7.6
19.1
19.1
12.7
1.3
Typical
CP802
600
420
CP806



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com