Electronic Components Datasheet Search
  English  ▼

X  

CP80 Datasheet(PDF) 1 Page - Multicomp Pro

Part # CP80
Description  Single Phase Bridge Rectifiers CP80 Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

CP80 Datasheet(HTML) 1 Page - Multicomp Pro

  CP80 Datasheet HTML 1Page - Multicomp Pro CP80 Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Single Phase Bridge Rectifiers
CP80 Series
Page <1>
13/06/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Features:
•• High surge current capability
•• PCB mounted / screw fixing
•• Surge overload rating: 200 A peak
•• Low forward voltage drop and reverse leakage
•• Small size, simple installation
•• Reliable low cost construction utilizing moulded plastic technique
Mechanical Data:
Mounting Position
: Any
Terminals
: Leads solderable per
MIL-STD- 202, Method 208
Mounting
: Through hole for a number 6 screw
Dimensions : Inches (Millimetres)
Maximum Ratings and Electrical Characteristics
At 25°C ambient temperature unless otherwise noted; resistive or inductive load at 60 Hz
Parameter
CP802
CP806
Unit
Maximum Recurrent Peak Reverse Voltage
200
600
V
Maximum Bridge Input Voltage RMS
140
420
Maximum Average Rectified Output at
TC = 50°C
See Figure 2
TA = 40°C
8
3
A
Peak One Cycle Surge Overload Current
200
Maximum Forward Voltage Drop Per Element at 4 A dc and 25°C
See Figure 3
1.1
V
Maximum Reverse Leakage at Rated DC Blocking Voltage Per Element at 25°C
See Figure 4
at 100°C
10
1
µA
mA
I2t Rating for Fusing ( t<8.3 ms)
166
A2s
Typical Junction Capacitance Per Leg (Note 4) CJ
200
pF
Typical Thermal Resistance Per Leg (Note 3) R
θJA
Typical Thermal Resistance Per Leg (Note 2) R
θJL
21
6
°C / W
Operating Temperature Range
-55 to +125
°C
Storage Temperature Range
-55 to +150
Notes : 1. Bolt down on to a heat-sink with silicon thermal compound between bridge and mounting surface for maximum heat
transfer with a number 6 screw
2. Units mounted on a 8.6 × 8.6 × 24 inches thick (22 × 22 × 0.6 cm) aluminium plate heatsink
3. Units mounted on PCB at 0.375 inches (9.5 mm) lead length with 0.5 × 0.5 inches (12 × 12 mm) copper pads
4. Measured at 1 MHz and applied reverse voltage


Similar Part No. - CP80

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
CP800 PANJIT-CP800 Datasheet
59Kb / 2P
SINGLE-PHASE SILICON BRIDGE(VOLTAGE - 50 to 800 Volts CURRENT - P.C. MTG 3A, HEAT-SINK MTG 8A)
logo
Transys Electronics
CP800 TRSYS-CP800 Datasheet
114Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
List of Unclassifed Man...
CP800 ETC2-CP800 Datasheet
220Kb / 3P
Single Phase Bridge Rectifiers
logo
Pan Jit International I...
CP801 PANJIT-CP801 Datasheet
59Kb / 2P
SINGLE-PHASE SILICON BRIDGE(VOLTAGE - 50 to 800 Volts CURRENT - P.C. MTG 3A, HEAT-SINK MTG 8A)
logo
Transys Electronics
CP801 TRSYS-CP801 Datasheet
114Kb / 2P
SINGLE-PHASE SILICON BRIDGE
More results

Similar Description - CP80

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
GBPC15005 SIRECTIFIER-GBPC15005 Datasheet
70Kb / 2P
Single Phase Bridge Rectifiers
GBJ20005 SIRECTIFIER-GBJ20005 Datasheet
60Kb / 2P
Single Phase Bridge Rectifiers
GBJ10005 SIRECTIFIER-GBJ10005 Datasheet
113Kb / 2P
Single Phase Bridge Rectifiers
GBJ8005 SIRECTIFIER-GBJ8005 Datasheet
60Kb / 2P
Single Phase Bridge Rectifiers
logo
List of Unclassifed Man...
CP800 ETC2-CP800 Datasheet
220Kb / 3P
Single Phase Bridge Rectifiers
logo
SEMTECH ELECTRONICS LTD...
KBU4A SEMTECH_ELEC-KBU4A Datasheet
191Kb / 1P
SINGLE - PHASE BRIDGE RECTIFIERS
logo
KEC(Korea Electronics)
MB6M KEC-MB6M Datasheet
52Kb / 2P
Single-Phase Bridge Rectifiers
logo
DONGGUAN YOU FENG WEI E...
2W005M-2A-WOM YFWDIODE-2W005M-2A-WOM Datasheet
295Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIERS
logo
Sirectifier Semiconduct...
GBJ25005 SIRECTIFIER-GBJ25005_16 Datasheet
88Kb / 2P
Single Phase Bridge Rectifiers
S1PDB25005 SIRECTIFIER-S1PDB25005 Datasheet
137Kb / 2P
Single Phase Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com