Electronic Components Datasheet Search
  English  ▼

X  

ICS8308I Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS8308I
Description  LOW SKEW, 1-TO-8 DIFFERENTIAL/LVCMOS-TO-LVCMOS FANOUT BUFFER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8308I Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS8308I Datasheet HTML 1Page - Integrated Device Technology ICS8308I Datasheet HTML 2Page - Integrated Device Technology ICS8308I Datasheet HTML 3Page - Integrated Device Technology ICS8308I Datasheet HTML 4Page - Integrated Device Technology ICS8308I Datasheet HTML 5Page - Integrated Device Technology ICS8308I Datasheet HTML 6Page - Integrated Device Technology ICS8308I Datasheet HTML 7Page - Integrated Device Technology ICS8308I Datasheet HTML 8Page - Integrated Device Technology ICS8308I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LOW SKEW, 1-TO-8 DIFFERENTIAL/
LVCMOS-TO-LVCMOS FANOUT BUFFER
ICS8308I
IDT™ / ICS™ LVCMOS FANOUT BUFFER
1
ICS8308AGI REV. B OCTOBER 16, 2007
BLOCK DIAGRAM
PIN ASSIGNMENT
ICS8308I
24-Lead, 173-MIL TSSOP
4.4mm x 7.8mm x 0.925mm body package
G Package
Top View
Q0
GND
CLK_SEL
LVCMOS_CLK
CLK
nCLK
CLK_EN
OE
VDD
GND
Q1
VDDO
VDDO
Q2
GND
Q3
VDDO
Q4
GND
Q5
VDDO
Q6
GND
Q7
GENERAL DESCRIPTION
The ICS8308I is a low-skew, 1-to-8 Fanout Buffer
and a member of the HiPerClockS™family of High
Perfor mance Clock Solutions from IDT. The
ICS8308I has two selectable clock inputs. The CLK,
nCLK pair can accept most differential input levels.
The LVCMOS_CLK can accept LVCMOS or LVTTL input levels.
The low impedance LVCMOS/LVTTL outputs are designed to
drive 50
Ω series or parallel terminated transmission lines. The
effective fanout can be increased from 8 to 16 by utilizing the
ability of the outputs to drive two series terminated trans-
mission lines.
The ICS8308I is characterized for 3.3V core/3.3V output,
3.3V core/2.5V output or 2.5V core/2.5V output operation.
Guaranteed output and part-part skew characteristics make
the 8308I ideal for those clock distribution applications requiring
well defined performance and repeatability.
FEATURES
• Eight LVCMOS/LVTTL outputs, (7Ω typical output impedance)
• Selectable LVCMOS_CLK or differential CLK, nCLK inputs
• CLK, nCLK pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, SSTL, HCSL
• Maximum Output Frequency: 350MHz
• Output Skew: (3.3V± 5%): 100ps (maximum)
• Part to Part Skew: (3.3V± 5%): 1ns (maximum)
• Supply Voltage Modes:
(Core/Output)
3.3V/3.3V
3.3V/2.5V
2.5V/2.5V
• -40°C to 85°C ambient operating temperature
• Available in both standard (RoHS 5) and lead-free (RoHS 6)
packages
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
LVCMOS_CLK
CLK
nCLK
CLK_SEL
CLK_EN
OE
D
LE
Q
1
0
Pullup
Pullup
Pullup
Pulldown
Pullup
Pullup


Similar Part No. - ICS8308I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8308I ICST-ICS8308I Datasheet
226Kb / 15P
Low Skew, 1-To-8 Differential/LVCOMS-TO-LVCMOS Fanout Buffer
REV. B JULY 25, 2005
More results

Similar Description - ICS8308I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8344-01 ICST-ICS8344-01 Datasheet
141Kb / 16P
LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. B AUGUST 6, 2001
ICS8344 ICST-ICS8344 Datasheet
131Kb / 15P
LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. B FEBRUARY 2, 2001
ICS8344I ICST-ICS8344I Datasheet
142Kb / 16P
LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. A AUGUST 9, 2001
ICS8308I ICST-ICS8308I Datasheet
226Kb / 15P
Low Skew, 1-To-8 Differential/LVCOMS-TO-LVCMOS Fanout Buffer
REV. B JULY 25, 2005
ICS83948I-01 ICST-ICS83948I-01 Datasheet
87Kb / 11P
LOW SKEW, 1-TO-12 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. A SEPTEMBER 23, 2002
ICS83948I ICST-ICS83948I Datasheet
110Kb / 10P
LOW SKEW, 1-TO-12 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. C DECEMBER 15, 2005
ICS8305I ICST-ICS8305I Datasheet
210Kb / 15P
LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
REV. B MAY 19, 2005
logo
Renesas Technology Corp
8305-02 RENESAS-8305-02 Datasheet
1Mb / 21P
Low Skew, 1-to-4 Multiplexed Differential/ LVCMOS-to-LVCMOS Fanout Buffer
May 19, 2016
ICS8305I-02 RENESAS-ICS8305I-02 Datasheet
1Mb / 21P
Low Skew, 1-to-4 Multiplexed Differential/ LVCMOS-to-LVCMOS Fanout Buffer
2019
8308I RENESAS-8308I Datasheet
375Kb / 17P
Low Skew, 1-to-8 Differential/LVCMOS-to- LVCMOS Fanout Buffer
December 10, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com