Electronic Components Datasheet Search
  English  ▼

X  

ICS8308I Datasheet(PDF) 12 Page - Integrated Device Technology

Part # ICS8308I
Description  LOW SKEW, 1-TO-8 DIFFERENTIAL/LVCMOS-TO-LVCMOS FANOUT BUFFER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8308I Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button ICS8308I Datasheet HTML 8Page - Integrated Device Technology ICS8308I Datasheet HTML 9Page - Integrated Device Technology ICS8308I Datasheet HTML 10Page - Integrated Device Technology ICS8308I Datasheet HTML 11Page - Integrated Device Technology ICS8308I Datasheet HTML 12Page - Integrated Device Technology ICS8308I Datasheet HTML 13Page - Integrated Device Technology ICS8308I Datasheet HTML 14Page - Integrated Device Technology ICS8308I Datasheet HTML 15Page - Integrated Device Technology ICS8308I Datasheet HTML 16Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
IDT™ / ICS™ LVCMOS FANOUT BUFFER
12
ICS8308AGI REV. B OCTOBER 16, 2007
ICS8308I
LOW SKEW, 1-TO-8 DIFFERENTIAL/LVCMOS-TO-LVCMOS FANOUT BUFFER
SCHEMATIC EXAMPLE
Figure 3 shows a schematic example of the ICS8308I. In this
example, the LVCMOS_CLK input is selected. The decoupling
FIGURE 3. ICS8308I LVPECL BUFFER SCHEMATIC EXAMPLE
C4
0.1u
(U1,9)
R1
43
VDD
Zo = 50 Ohm
Zo = 50 Ohm
(U1,16)
R10
1K
R11
43
C2
0.1u
C3
0.1u
VDD
(U1,20)
U1
ICS8308I
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
Q0
GND
CLK_SEL
LVCMOS_CLK
CLK
nCLK
CLK_EN
OE
VDD
GND
Q1
VDDO
Q7
GND
Q6
VDDO
Q5
GND
Q4
VDDO
Q3
GND
Q2
VDDO
VDD=3.3V
R9
1K
(U1,12)
R8
43
Ro ~ 7 Ohm
3.3V_LVCMOS
3.3V LVCMOS/LVTTL
C5
0.1u
R12
1K
VDD
(U1,24)
Zo = 50 Ohm
VDD
VDD
3.3V LVCMOS/LVTTL
C1
0.1u
capacitors should be physically located near the power pin.
RELIABILITY INFORMATION
TRANSISTOR COUNT
The transistor count for ICS8308I is: 1040
TABLE 6.
θ
JA
VS
. AIR FLOW TABLE FOR 24 LEAD TSSOP
θθθθθ
JA
by Velocity (Linear Feet per Minute)
0
200
500
Multi-Layer PCB, JEDEC Standard Test Boards
70°C/W
63°C/W
60°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com