Electronic Components Datasheet Search
  English  ▼

X  

SN65MLVD048 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN65MLVD048
Description  SN65MLVD048 Quad Channel M-LVDS Receivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65MLVD048 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65MLVD048 Datasheet HTML 4Page - Texas Instruments SN65MLVD048 Datasheet HTML 5Page - Texas Instruments SN65MLVD048 Datasheet HTML 6Page - Texas Instruments SN65MLVD048 Datasheet HTML 7Page - Texas Instruments SN65MLVD048 Datasheet HTML 8Page - Texas Instruments SN65MLVD048 Datasheet HTML 9Page - Texas Instruments SN65MLVD048 Datasheet HTML 10Page - Texas Instruments SN65MLVD048 Datasheet HTML 11Page - Texas Instruments SN65MLVD048 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
5.9 Typical Characteristics (continued)
1
1.5
2
2.5
3
-40
25
85
T -Free-AirTemperature-°C
A
tr
tf
V
=3.3V,
f=1MHz,
C =15pF,
V
=800mV,
V
=1V
CC
L
ID
IC
Figure 5-5. Receiver (Type-2) Transition Time vs Free-Air
Temperature
0
0.5
1
1.5
2
2.5
3
4.7
6.8
8.2
12
15
C -OutputLoadCapacitor-pF
L
tr
tf
V
=3.3V,
TA =25°C,
f=1MHz,
V
=400mV,
V
=1V
CC
ID
IC
Figure 5-6. Receiver (Type-1) Transition Time vs Output Load
Capacitor
4.7
6.8
8.2
12
15
C -OutputLoadCapacitor-pF
L
0
1.5
2
2.5
3
1
0.5
V
=3.3V,
TA =25°C,
f=1MHz,
V
=800mV,
V
=1V
CC
ID
IC
tr
tf
Figure 5-7. Receiver (Type-2) Transition Time vs Output Load
Capacitor
50
100
150
200
250
SignalingRate-Mbps
Type1
Type2
0
200
400
600
800
V
=3.3V,
T =25°C,
2
-1PRBSNRZ
V
=400mV(Type1)/800mV(Type2),
V
=1V
CC
A
ID
IC
15
Figure 5-8. Added Receiver Peak-to-Peak Jitter vs Signaling
Rate
SN65MLVD048
SLLS903A – DECEMBER 2009 – REVISED MARCH 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN65MLVD048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com