Electronic Components Datasheet Search
  English  ▼

X  

SN65MLVD048 Datasheet(PDF) 13 Page - Texas Instruments

Part # SN65MLVD048
Description  SN65MLVD048 Quad Channel M-LVDS Receivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65MLVD048 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN65MLVD048 Datasheet HTML 9Page - Texas Instruments SN65MLVD048 Datasheet HTML 10Page - Texas Instruments SN65MLVD048 Datasheet HTML 11Page - Texas Instruments SN65MLVD048 Datasheet HTML 12Page - Texas Instruments SN65MLVD048 Datasheet HTML 13Page - Texas Instruments SN65MLVD048 Datasheet HTML 14Page - Texas Instruments SN65MLVD048 Datasheet HTML 15Page - Texas Instruments SN65MLVD048 Datasheet HTML 16Page - Texas Instruments SN65MLVD048 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
B
A
1.2V
Inputs
RE
C
15pF
L
VO
R
499
L
W
VTEST
tPZL
tPLZ
VTEST
A
RE
VO
VTEST
A
RE
VO
VCC
0.8V
VCC
0V
V
+0.5V
OL
VOL
VCC
1.6V
0V
0V
VCC
VOH
VOH
0V
tPZH
tPHZ
VCC
2
VCC
2
VCC
2
VCC
2
0.5V
A.
All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 1ns, frequency = 1MHz, duty cycle = 50 ± 5%.
B.
RL is 1% tolerance, metal film, surface mount, and located within 2 cm of the D.U.T
C.
CL is the instrumentation and fixture capacitance within 2 cm of the D.U.T. and ±20%. The measurement is made on test equipment with
a –3dB bandwidth of at least 1GHz.
Figure 6-3. Receiver Enable/Disable Time Test Circuit and Waveforms
www.ti.com
SN65MLVD048
SLLS903A – DECEMBER 2009 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: SN65MLVD048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com