Electronic Components Datasheet Search
  English  ▼

X  

ICS9FG1201H Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS9FG1201H
Description  Frequency Generator for CPU, PCIe Gen1 & Fully Buffered DIMM Clocks
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9FG1201H Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS9FG1201H Datasheet HTML 1Page - Integrated Device Technology ICS9FG1201H Datasheet HTML 2Page - Integrated Device Technology ICS9FG1201H Datasheet HTML 3Page - Integrated Device Technology ICS9FG1201H Datasheet HTML 4Page - Integrated Device Technology ICS9FG1201H Datasheet HTML 5Page - Integrated Device Technology ICS9FG1201H Datasheet HTML 6Page - Integrated Device Technology ICS9FG1201H Datasheet HTML 7Page - Integrated Device Technology ICS9FG1201H Datasheet HTML 8Page - Integrated Device Technology ICS9FG1201H Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
IDTTM/ICSTM
Frequency Generator for CPU, PCIe Gen1* & Fully Buffered DIMM Clocks
ICS9FG1201H 10/22/07
ICS9FG1201H
Frequency Generator for CPU, PCIe Gen1* & Fully Buffered DIMM Clocks
3
Pin Description
Power Groups
VDD
GND
56
55
Main PLL, Analog
11,22,38,50 12,23,37,49
DIF clocks
Description
Pin Number
Pin # Pin Name
Type
Pin Description
1HIGH_BW#
IN
3.3V input for selecting PLL Band Width
0 = High, 1= Low
2
CLK_IN
IN
Input for reference clock.
3
CLK_IN#
IN
"Complementary" reference clock input.
4
SMB_A0
IN
SMBus address bit 0 (LSB)
5OE0#
IN
Active low input for enabling DIF pair 0.
1 = tri-state outputs, 0 = enable outputs
6
DIF_0
OUT
0.7V differential true clock output
7
DIF_0#
OUT
0.7V differential complement clock output
8OE1#
IN
Active low input for enabling DIF pair 1.
1 = tri-state outputs, 0 = enable outputs
9
DIF_1
OUT
0.7V differential true clock output
10
DIF_1#
OUT
0.7V differential complement clock output
11
VDD
PWR
Power supply, nominal 3.3V
12
GND
PWR
Ground pin.
13
DIF_2
OUT
0.7V differential true clock output
14
DIF_2#
OUT
0.7V differential complement clock output
15
OE2#
IN
Active low input for enabling DIF pair 2.
1 = tri-state outputs, 0 = enable outputs
16
DIF_3
OUT
0.7V differential true clock output
17
DIF_3#
OUT
0.7V differential complement clock output
18
OE3#
IN
Active low input for enabling DIF pair 3.
1 = tri-state outputs, 0 = enable outputs
19
DIF_4
OUT
0.7V differential true clock output
20
DIF_4#
OUT
0.7V differential complement clock output
21
OE4#
IN
Active low input for enabling DIF pair 4
1 = tri-state outputs, 0 = enable outputs
22
VDD
PWR
Power supply, nominal 3.3V
23
GND
PWR
Ground pin.
24
DIF_5
OUT
0.7V differential true clock output
25
DIF_5#
OUT
0.7V differential complement clock output
26
OE5#
IN
Active low input for enabling DIF pair 5.
1 = tri-state outputs, 0 = enable outputs
27
SMB_A1
IN
SMBus address bit 1
28
SMBDAT
I/O
Data pin of SMBUS circuitry, 5V tolerant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com