Electronic Components Datasheet Search
  English  ▼

X  

ICS9FG1201H Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS9FG1201H
Description  Frequency Generator for CPU, PCIe Gen1 & Fully Buffered DIMM Clocks
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9FG1201H Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS9FG1201H Datasheet HTML 7Page - Integrated Device Technology ICS9FG1201H Datasheet HTML 8Page - Integrated Device Technology ICS9FG1201H Datasheet HTML 9Page - Integrated Device Technology ICS9FG1201H Datasheet HTML 10Page - Integrated Device Technology ICS9FG1201H Datasheet HTML 11Page - Integrated Device Technology ICS9FG1201H Datasheet HTML 12Page - Integrated Device Technology ICS9FG1201H Datasheet HTML 13Page - Integrated Device Technology ICS9FG1201H Datasheet HTML 14Page - Integrated Device Technology ICS9FG1201H Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
IDTTM/ICSTM
Frequency Generator for CPU, PCIe Gen1* & Fully Buffered DIMM Clocks
ICS9FG1201H 10/22/07
ICS9FG1201H
Frequency Generator for CPU, PCIe Gen1* & Fully Buffered DIMM Clocks
11
SMBus Table: Gear PLL Frequency Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
Gear PLL N Div7
RW
X
Bit 6
Gear PLL N Div6
RW
X
Bit 5
Gear PLL N Div5
RW
X
Bit 4
Gear PLL N Div4
RW
X
Bit 3
Gear PLL N Div3
RW
X
Bit 2
Gear PLL N Div2
RW
X
Bit 1
Gear PLL N Div1
RW
X
Bit 0
Gear PLL N Div0
RW
X
SMBusTable: Gear PLL Output Divider Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
0
Bit 6
0
Bit 5
0
Bit 4
0
Bit 3
GoutDiv 3
RW
X
Bit 2
GoutDiv 2
RW
X
Bit 1
GoutDiv 1
RW
X
Bit 0
GoutDiv 1
RW
X
SMBusTable: Reserved Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
0
Bit 6
0
Bit 5
0
Bit 4
0
Bit 3
0
Bit 2
0
Bit 1
0
Bit 0
0
SMBusTable: Reserved Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
0
Bit 6
0
Bit 5
0
Bit 4
0
Bit 3
0
Bit 2
0
Bit 1
0
Bit 0
0
RESERVED
RESERVED
RESERVED
Byte 15
Byte 13
Byte 14
-
RESERVED
RESERVED
RESERVED
RESERVED
See Gear Output Divider
Table
Gear Output Divider
RESERVED
N Divider Programming
bits
RESERVED
RESERVED
RESERVED
See 9FG1201H M/N
programming Table
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
-
-
-
Byte 12
-
-
-
-
RESERVED
RESERVED
RESERVED
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com