Electronic Components Datasheet Search
  English  ▼

X  

ICS85411AMIT Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS85411AMIT
Description  LOW SKEW, 1-TO-2 DIFFERENTIAL-TOLVDS FANOUT BUFFER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS85411AMIT Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS85411AMIT Datasheet HTML 1Page - Integrated Device Technology ICS85411AMIT Datasheet HTML 2Page - Integrated Device Technology ICS85411AMIT Datasheet HTML 3Page - Integrated Device Technology ICS85411AMIT Datasheet HTML 4Page - Integrated Device Technology ICS85411AMIT Datasheet HTML 5Page - Integrated Device Technology ICS85411AMIT Datasheet HTML 6Page - Integrated Device Technology ICS85411AMIT Datasheet HTML 7Page - Integrated Device Technology ICS85411AMIT Datasheet HTML 8Page - Integrated Device Technology ICS85411AMIT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
IDT™ / ICS™ DIFFERENTIAL-TO-LVDS FANOUT BUFFER
3
ICS85411AMI REV. B NOVEMBER 7, 2007
ICS85411I
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVDS FANOUT BUFFER
TABLE 3A. POWER SUPPLY DC CHARACTERISTICS, V
DD = 3.3V±10%, T
A
= -40°C TO 85°C
TABLE 3B. DIFFERENTIAL DC CHARACTERISTICS, V
DD = 3.3V±10%, T
A
= -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
e
v
i
t
i
s
o
P
7
9
.
23
.
33
6
.
3V
I
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
0
5A
m
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
I
H
I
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I
K
L
CV
D
D
V
=
N
I
V
3
6
.
3
=5
A
µ
K
L
C
nV
D
D
V
=
N
I
V
3
6
.
3
=0
5
1A
µ
I
L
I
t
n
e
r
r
u
C
w
o
L
t
u
p
n
I
K
L
CV
D
D
V
,
3
6
.
3
=
N
I
V
0
=0
5
1
-A
µ
K
L
C
nV
D
D
V
,
V
3
6
.
3
=
N
I
V
0
=5
-A
µ
V
P
P
1
E
T
O
N
;
e
g
a
t
l
o
V
t
u
p
n
I
k
a
e
P
-
o
t
-
k
a
e
P
5
1
.
03
.
1V
V
R
M
C
2
,
1
E
T
O
N
;
e
g
a
t
l
o
V
t
u
p
n
I
e
d
o
M
n
o
m
m
o
C
5
.
0V
D
D
5
8
.
0
-V
V
:
1
E
T
O
N
L
I
.
V
3
.
0
-
n
a
h
t
s
s
e
l
e
b
t
o
n
d
l
u
o
h
s
V
s
a
d
e
n
i
f
e
d
s
i
e
g
a
t
l
o
v
e
d
o
m
n
o
m
m
o
C
:
2
E
T
O
N
H
I .
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause per manent damage to the
device. These ratings are stress specifications only. Functional op-
eration of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not
implied. Exposure to absolute maximum rating conditions for ex-
tended periods may affect product reliability.
TABLE 3C. LVDS DC CHARACTERISTICS, V
DD = 3.3V±10%, T
A
= -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
D
O
e
g
a
t
l
o
V
t
u
p
t
u
O
l
a
i
t
n
e
r
e
f
f
i
D
7
4
25
2
34
5
4V
m
Δ V
D
O
e
g
n
a
h
C
e
d
u
t
i
n
g
a
M
D
O
V
00
5V
m
V
S
O
e
g
a
t
l
o
V
t
e
s
f
f
O
5
2
3
.
15
4
.
15
7
5
.
1V
Δ V
S
O
e
g
n
a
h
C
e
d
u
t
i
n
g
a
M
S
O
V
50
5V
m
I
F
F
O
e
g
a
k
a
e
L
f
f
O
r
e
w
o
P
0
2
-1
±0
2
+A
µ
I
D
S
O
t
n
e
r
r
u
C
t
i
u
c
r
i
C
t
r
o
h
S
t
u
p
t
u
O
l
a
i
t
n
e
r
e
f
f
i
D
5
.
3
-5
-A
m
I
S
O
t
n
e
r
r
u
C
t
i
u
c
r
i
C
t
r
o
h
S
t
u
p
t
u
O
5
.
3
-5
-A
m
V
H
O
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
4
3
.
16
.
1V
V
L
O
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
9
.
06
0
.
1V
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
DD
4.6V
Inputs, V
I
-0.5V to V
DD + 0.5V
Outputs, I
O
Continuous Current
10mA
Surge Current
15mA
Package Thermal Impedance,
θ
JA
112.7°C/W (0 lfpm)
Storage Temperature, T
STG
-65°C to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com