Electronic Components Datasheet Search
  English  ▼

X  

ICS85411AMIT Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS85411AMIT
Description  LOW SKEW, 1-TO-2 DIFFERENTIAL-TOLVDS FANOUT BUFFER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS85411AMIT Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS85411AMIT Datasheet HTML 7Page - Integrated Device Technology ICS85411AMIT Datasheet HTML 8Page - Integrated Device Technology ICS85411AMIT Datasheet HTML 9Page - Integrated Device Technology ICS85411AMIT Datasheet HTML 10Page - Integrated Device Technology ICS85411AMIT Datasheet HTML 11Page - Integrated Device Technology ICS85411AMIT Datasheet HTML 12Page - Integrated Device Technology ICS85411AMIT Datasheet HTML 13Page - Integrated Device Technology ICS85411AMIT Datasheet HTML 14Page - Integrated Device Technology ICS85411AMIT Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
IDT™ / ICS™ DIFFERENTIAL-TO-LVDS FANOUT BUFFER
11
ICS85411AMI REV. B NOVEMBER 7, 2007
ICS85411I
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVDS FANOUT BUFFER
POWER CONSIDERATIONS
This section provides information on power dissipation and junction temperature for the ICS85411I.
Equations and example calculations are also provided.
1. Power Dissipation.
The total power dissipation for the ICS85411I is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for V
DD
= 3.3V + 10% = 3.63V, which gives worst case results.
• Power (core)
MAX
= V
DD_MAX
* I
DD_MAX
= 3.63V * 50mA = 181.5mW
2.
Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of the
device. The maximum recommended junction temperature for HiPerClockS
TM devices is 125°C.
The equation for Tj is as follows: Tj =
θ
JA * Pd_total + TA
Tj = Junction Temperature
θ
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
T
A = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θ
JA must be used. Assuming a
moderate air flow of 200 linear feet per minute and a multi-layer board, the appropriate value is 103.3°C/W per Table 5 below.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 0.182W * 103.3°C/W = 103.8°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow, and
the type of board (single layer or multi-layer).
TABLE 5. THERMAL RESISTANCE
θθθθθ
JA
FOR
8-LEAD SOIC, FORCED CONVECTION
θθθθθ
JA
by Velocity (Linear Feet per Minute)
0
200
500
Single-Layer PCB, JEDEC Standard Test Boards
153.3°C/W
128.5°C/W
115.5°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
112.7°C/W
103.3°C/W
97.1°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com