Electronic Components Datasheet Search
  English  ▼

X  

SN6501DBVR Datasheet(PDF) 28 Page - Texas Instruments

Part # SN6501DBVR
Description  SN6501 Transformer Driver for Isolated Power Supplies
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN6501DBVR Datasheet(HTML) 28 Page - Texas Instruments

Back Button SN6501DBVR Datasheet HTML 24Page - Texas Instruments SN6501DBVR Datasheet HTML 25Page - Texas Instruments SN6501DBVR Datasheet HTML 26Page - Texas Instruments SN6501DBVR Datasheet HTML 27Page - Texas Instruments SN6501DBVR Datasheet HTML 28Page - Texas Instruments SN6501DBVR Datasheet HTML 29Page - Texas Instruments SN6501DBVR Datasheet HTML 30Page - Texas Instruments SN6501DBVR Datasheet HTML 31Page - Texas Instruments SN6501DBVR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
9 Power Supply Recommendations
The device is designed to operate from an input voltage supply range between 3.3 V and 5 V nominal. This input
supply must be regulated within ±10%. If the input supply is located more than a few inches from the SN6501 a
0.1 μF by-pass capacitor should be connected as possible to the device VCC pin, and a 10 μF capacitor should
be connected close to the transformer center-tap pin.
SN6501
SLLSEA0I – FEBRUARY 2012 – REVISED JANUARY 2021
www.ti.com
28
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: SN6501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com