Electronic Components Datasheet Search
  English  ▼

X  

SN6501DBVR Datasheet(PDF) 6 Page - Texas Instruments

Part # SN6501DBVR
Description  SN6501 Transformer Driver for Isolated Power Supplies
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN6501DBVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN6501DBVR Datasheet HTML 2Page - Texas Instruments SN6501DBVR Datasheet HTML 3Page - Texas Instruments SN6501DBVR Datasheet HTML 4Page - Texas Instruments SN6501DBVR Datasheet HTML 5Page - Texas Instruments SN6501DBVR Datasheet HTML 6Page - Texas Instruments SN6501DBVR Datasheet HTML 7Page - Texas Instruments SN6501DBVR Datasheet HTML 8Page - Texas Instruments SN6501DBVR Datasheet HTML 9Page - Texas Instruments SN6501DBVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
5.3 Recommended Operating Conditions
MIN
TYP MAX UNIT
VCC
Supply voltage
3
5.5
V
VD1, VD2
Output switch voltage
VCC = 5 V ± 10%,
When connected to Transformer with
primary winding Center-tapped
0
11
V
VCC = 3.3 V ± 10%
0
7.2
ID1, ID2
D1 and D2 output switch
current – Primary-side
VCC = 5 V ± 10%
VD1, VD2 Swing ≥ 3.8 V,
see Figure 5-32 for typical
characteristics
350
mA
VCC = 3.3 V ± 10%
VD1, VD2 Swing ≥ 2.5 V,
see Figure 5-31 for typical
characteristics
150
TA
Ambient temperature
–40
125
°C
5.4 Thermal Information
THERMAL METRIC
SN6501
UNIT
DBV 5-PINS
θJA
Junction-to-ambient thermal resistance
208.3
°C/W
θJCtop
Junction-to-case (top) thermal resistance
87.1
θJB
Junction-to-board thermal resistance
40.4
ψJT
Junction-to-top characterization parameter
5.2
ψJB
Junction-to-board characterization parameter
39.7
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
5.5 Electrical Characteristics
over full-range of recommended operating conditions, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RON
Switch-on resistance
VCC = 3.3 V ± 10%, See Figure 6-4
1
3
Ω
VCC = 5 V ± 10%, See Figure 6-4
0.6
2
ICC
Average supply current(1)
VCC = 3.3 V ± 10%, no load
150
400
µA
VCC = 5 V ± 10%, no load
300
700
fST
Startup frequency
VCC = 2.4 V, See Figure 6-4
300
kHz
fSW
D1, D2 Switching frequency
VCC = 3.3 V ± 10%, See Figure 6-4
250
360
550
kHz
VCC = 5 V ± 10%, See Figure 6-4
300
410
620
(1)
Average supply current is the current used by SN6501 only. It does not include load current.
5.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr-D
D1, D2 output rise time
VCC = 3.3 V ± 10%, See Figure 6-4
70
ns
VCC = 5 V ± 10%, See Figure 6-4
80
tf-D
D1, D2 output fall time
VCC = 3.3 V ± 10%, See Figure 6-4
110
ns
VCC = 5 V ± 10%, See Figure 6-4
60
tBBM
Break-before-make time
VCC = 3.3 V ± 10%, See Figure 6-4
150
ns
VCC = 5 V ± 10%, See Figure 6-4
50
SN6501
SLLSEA0I – FEBRUARY 2012 – REVISED JANUARY 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: SN6501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com