Electronic Components Datasheet Search
  English  ▼

X  

SN74GTL2003 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74GTL2003
Description  SN74GTL2003 8-Bit Bidirectional Low-Voltage Translator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74GTL2003 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74GTL2003 Datasheet HTML 4Page - Texas Instruments SN74GTL2003 Datasheet HTML 5Page - Texas Instruments SN74GTL2003 Datasheet HTML 6Page - Texas Instruments SN74GTL2003 Datasheet HTML 7Page - Texas Instruments SN74GTL2003 Datasheet HTML 8Page - Texas Instruments SN74GTL2003 Datasheet HTML 9Page - Texas Instruments SN74GTL2003 Datasheet HTML 10Page - Texas Instruments SN74GTL2003 Datasheet HTML 11Page - Texas Instruments SN74GTL2003 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
8 Detailed Description
8.1 Overview
The SN74GTL2003 device provides eight NMOS pass transistors (Sn and Dn) with a common gate (GREF) and a
reference transistor (SREF and DREF). The low ON-state resistance of the switch allows connections to be made
with minimal propagation delay. With no direction control pin required, the device allows bidirectional voltage
translations from any voltage (0.95 V to 5 V) to any voltage (0.95 V to 5 V).
When the Sn or Dn port is LOW, the clamp is in the ON state and a low-resistance connection exists between
the Sn and Dn ports. Assuming the higher voltage is on the Dn port, when the Dn port is HIGH, the voltage on
the Sn port is limited to the voltage set by the reference transistor (SREF). When the Sn port is HIGH, the Dn port
is pulled to VCC by the pullup resistors.
8.2 Functional Block Diagram
S
REF
D
REF
G
REF
S
1
D
1
S
2
D
2
S
3
D
3
20
2
3
4
5
19
18
17
16
8.3 Feature Description
8.3.1 Provides Bidirectional Voltage Translation With No Direction Control Required
Because the circuit acts essentially as a pass transistor, no direction pin is needed, as data is allowed to flow
both ways.
8.3.2 Flow Through Pinout
Allocated pins for input and output A on right side and input and output B on left side. Reduces the need for
multi-layer board layout or long traces through the system.
SN74GTL2003
SCDS305D – FEBRUARY 2011 – REVISED SEPTEMBER 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: SN74GTL2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com