Electronic Components Datasheet Search
  English  ▼

X  

SN74GTL2003 Datasheet(PDF) 13 Page - Texas Instruments

Part # SN74GTL2003
Description  SN74GTL2003 8-Bit Bidirectional Low-Voltage Translator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74GTL2003 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN74GTL2003 Datasheet HTML 9Page - Texas Instruments SN74GTL2003 Datasheet HTML 10Page - Texas Instruments SN74GTL2003 Datasheet HTML 11Page - Texas Instruments SN74GTL2003 Datasheet HTML 12Page - Texas Instruments SN74GTL2003 Datasheet HTML 13Page - Texas Instruments SN74GTL2003 Datasheet HTML 14Page - Texas Instruments SN74GTL2003 Datasheet HTML 15Page - Texas Instruments SN74GTL2003 Datasheet HTML 16Page - Texas Instruments SN74GTL2003 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
9.2.2.2 Detailed Design Procedure
9.2.2.2.1 Sizing Pullup Resistors
The pullup resistor value should limit the current through the pass transistor when it is in the on state to about 15
mA. This ensures a pass voltage of 260 mV to 350 mV. If the current through the pass transistor is higher than
15 mA, the pass voltage also is higher in the on state. To set the current through each pass transistor at 15 mA,
the pullup resistor value is calculated as:
( )
( )
Pullup voltage V
0.35 V
Resistor value
0.015 A
-
W =
(2)
Table 9-2 provides resistor values for various reference voltages and currents at 15 mA, 10 mA, and 3 mA. The
resistor value shown in the +10% column, or a larger value, should be used to ensure that the pass voltage
of the transistor would be 350 mV or less. The external driver must be able to sink the total current from the
resistors on both sides of the GTL device at 0.175 V, although the 15 mA only applies to current flowing through
the SN74GTL2003.
Table 9-2. Pullup Resistor Values(1) (2) (3) (4)
PULLUP RESISTOR VALUE (Ω)
VOLTAGE
15 mA
10 mA
3 mA
NOMINAL
+10%
NOMINAL
+10%
NOMINAL
+10%
5.0 V
310
341
465
512
1550
1705
3.3 V
197
217
295
325
983
1082
2.5 V
143
158
215
237
717
788
1.8 V
97
106
145
160
483
532
1.5 V
77
85
115
127
383
422
1.2 V
57
63
85
94
283
312
(1)
H = HIGH voltage level, L = LOW voltage level, X = do not care.
(2)
Calculated for VOL = 0.35 V
(3)
Assumes output driver VOL = 0.175 V at stated current
(4)
+10% to compensate for VDD range and resistor tolerance
9.2.3 Unidirectional Up Translation
For unidirectional up translation (lower voltage to higher voltage), the reference transistor is connected the same
as for a down translation. A pullup resistor is required on the higher voltage side (Dn or Sn) to get the full HIGH
level, because the GTL device only passes the reference source (SREF) voltage as a HIGH when doing an up
translation. The driver on the lower voltage side only needs pullup resistors if it is open drain.
www.ti.com
SN74GTL2003
SCDS305D – FEBRUARY 2011 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: SN74GTL2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com