Electronic Components Datasheet Search
  English  ▼

X  

SN54HC20 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN54HC20
Description  SNx4HC20 Dual 4-Input NAND Gates
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54HC20 Datasheet(HTML) 2 Page - Texas Instruments

  SN54HC20 Datasheet HTML 1Page - Texas Instruments SN54HC20 Datasheet HTML 2Page - Texas Instruments SN54HC20 Datasheet HTML 3Page - Texas Instruments SN54HC20 Datasheet HTML 4Page - Texas Instruments SN54HC20 Datasheet HTML 5Page - Texas Instruments SN54HC20 Datasheet HTML 6Page - Texas Instruments SN54HC20 Datasheet HTML 7Page - Texas Instruments SN54HC20 Datasheet HTML 8Page - Texas Instruments SN54HC20 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
Pin Functions.................................................................... 3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 Recommended Operating Conditions.........................4
6.3 Thermal Information....................................................4
6.4 Electrical Characteristics - 74..................................... 5
6.5 Electrical Characteristics - 54..................................... 5
6.6 Switching Characteristics - 74.....................................6
6.7 Switching Characteristics - 54.....................................6
6.8 Operating Characteristics........................................... 6
6.9 Typical Characteristics................................................ 6
7 Parameter Measurement Information............................ 8
8 Detailed Description........................................................9
8.1 Overview..................................................................... 9
8.2 Functional Block Diagram........................................... 9
8.3 Feature Description.....................................................9
8.4 Device Functional Modes..........................................10
9 Application and Implementation.................................. 11
9.1 Application Information..............................................11
9.2 Typical Application.................................................... 11
10 Power Supply Recommendations..............................13
11 Layout........................................................................... 13
11.1 Layout Guidelines................................................... 13
11.2 Layout Example...................................................... 13
12 Device and Documentation Support..........................14
12.1 Documentation Support.......................................... 14
12.2 Related Links.......................................................... 14
12.3 Support Resources................................................. 14
12.4 Trademarks.............................................................14
12.5 Electrostatic Discharge Caution..............................14
12.6 Glossary..................................................................14
13 Mechanical, Packaging, and Orderable
Information.................................................................... 14
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision F (August 2003) to Revision G (April 2021)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document..................1
• Updated to new data sheet standards................................................................................................................ 1
• RθJA increased for the D package from 86 to 133.6°C/W, increased for the PW package from 113°C/W, and
decreased for the N package from 80 to 67.2°C/W............................................................................................ 4
SN74HC20, SN54HC20
SCLS086G – DECEMBER 1982 – REVISED APRIL 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: SN74HC20 SN54HC20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com