Electronic Components Datasheet Search
  English  ▼

X  

SN54HC20 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN54HC20
Description  SNx4HC20 Dual 4-Input NAND Gates
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54HC20 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN54HC20 Datasheet HTML 2Page - Texas Instruments SN54HC20 Datasheet HTML 3Page - Texas Instruments SN54HC20 Datasheet HTML 4Page - Texas Instruments SN54HC20 Datasheet HTML 5Page - Texas Instruments SN54HC20 Datasheet HTML 6Page - Texas Instruments SN54HC20 Datasheet HTML 7Page - Texas Instruments SN54HC20 Datasheet HTML 8Page - Texas Instruments SN54HC20 Datasheet HTML 9Page - Texas Instruments SN54HC20 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
VCC
Operating free-air
temperature (TA)
Operating free-air
temperature (TA)
UNIT
25°C
–55°C to 125°C
MIN
TYP
MAX
MIN
TYP
MAX
II
Input leakage
current
VI = VCC or 0
6 V
±0.1
±1
µA
ICC
Supply current
VI = VCC or 0 IO = 0
6 V
2
40
µA
Ci
Input capacitance
2 V to 6
V
3
10
10
pF
6.6 Switching Characteristics - 74
over operating free-air temperature range (unless otherwise noted)
PARAMETER
FROM
TO
VCC
Operating free-air temperature (TA)
UNIT
25°C
–40°C to 85°C
MIN
TYP
MAX
MIN
TYP
MAX
tpd
Propagation delay
A, B, C, or
D
Y
2 V
45
110
140
ns
4.5 V
14
22
28
6 V
11
19
24
tt
Transition-time
Y
2 V
27
75
95
ns
4.5 V
9
15
19
6 V
7
13
16
6.7 Switching Characteristics - 54
over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted).
PARAMETER
FROM
TO
TEST
CONDITIONS
VCC
Operating free-air
temperature (TA)
Operating free-air
temperature (TA)
UNIT
25°C
–55°C to 125°C
MIN
TYP
MAX
MIN
TYP
MAX
tpd
Propagation delay
A, B, C,
or D
Y
CL = 50 pF
2 V
45
110
140
ns
4.5 V
9
22
28
6 V
8
19
24
tt
Transition-time
Y
CL = 50 pF
2 V
27
75
95
ns
4.5 V
9
15
19
6 V
7
13
16
6.8 Operating Characteristics
over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX UNIT
Cpd
Power dissipation capacitance
per gate
No load
2 V to 6 V
25
pF
6.9 Typical Characteristics
TA = 25°C
SN74HC20, SN54HC20
SCLS086G – DECEMBER 1982 – REVISED APRIL 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: SN74HC20 SN54HC20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com