Electronic Components Datasheet Search
  English  ▼

X  

SN54HC74 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN54HC74
Description  SNx4HC74 Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54HC74 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN54HC74 Datasheet HTML 6Page - Texas Instruments SN54HC74 Datasheet HTML 7Page - Texas Instruments SN54HC74 Datasheet HTML 8Page - Texas Instruments SN54HC74 Datasheet HTML 9Page - Texas Instruments SN54HC74 Datasheet HTML 10Page - Texas Instruments SN54HC74 Datasheet HTML 11Page - Texas Instruments SN54HC74 Datasheet HTML 12Page - Texas Instruments SN54HC74 Datasheet HTML 13Page - Texas Instruments SN54HC74 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
8 Detailed Description
8.1 Overview
The SNx4HC74 devices contain two independent D-type positive-edge-triggered flip-flops with asynchronous
preset and clear pins for each.
8.2 Functional Block Diagram
xCLK
C
xD
C
C
C
C
xQ
C
xPRE
xQ
xCLR
C
C
C
C
8.3 Feature Description
8.3.1 Balanced CMOS Push-Pull Outputs
A balanced output allows the device to sink and source similar currents. The drive capability of this device
may create fast edges into light loads so routing and load conditions should be considered to prevent ringing.
Additionally, the outputs of this device are capable of driving larger currents than the device can sustain without
being damaged. It is important for the output power of the device to be limited to avoid damage due to
over-current. The electrical and thermal limits defined in the Section 6.1 must be followed at all times.
The SN74HC74 can drive a load with a total capacitance less than or equal to the maximum load listed in the
Section 6.9 connected to a high-impedance CMOS input while still meeting all of the datasheet specifications.
Larger capacitive loads can be applied, however it is not recommended to exceed the provided load value. If
larger capacitive loads are required, it is recommended to add a series resistor between the output and the
capacitor to limit output current to the values given in the Section 6.1.
8.3.2 Standard CMOS Inputs
Standard CMOS inputs are high impedance and are typically modeled as a resistor from the input to ground
in parallel with the input capacitance given in the Section 6.5. The worst case resistance is calculated with the
maximum input voltage, given in the Section 6.1, and the maximum input leakage current, given in the Section
6.5, using ohm's law (R = V ÷ I).
Signals applied to the inputs need to have fast edge rates, as defined by the input transition time in the Section
6.3 to avoid excessive current consumption and oscillations. If a slow or noisy input signal is required, a device
with a Schmitt-trigger input should be used to condition the input signal prior to the standard CMOS input.
SN74HC74, SN54HC74
SCLS094F – DECEMBER 1982 – REVISED JUNE 2021
www.ti.com
10
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: SN74HC74 SN54HC74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com