Electronic Components Datasheet Search
  English  ▼

X  

SN54HC74 Datasheet(PDF) 13 Page - Texas Instruments

Part # SN54HC74
Description  SNx4HC74 Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54HC74 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN54HC74 Datasheet HTML 9Page - Texas Instruments SN54HC74 Datasheet HTML 10Page - Texas Instruments SN54HC74 Datasheet HTML 11Page - Texas Instruments SN54HC74 Datasheet HTML 12Page - Texas Instruments SN54HC74 Datasheet HTML 13Page - Texas Instruments SN54HC74 Datasheet HTML 14Page - Texas Instruments SN54HC74 Datasheet HTML 15Page - Texas Instruments SN54HC74 Datasheet HTML 16Page - Texas Instruments SN54HC74 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
CAUTION
The maximum junction temperature, TJ(max) listed in the Section 6.1, is an additional limitation to
prevent damage to the device. Do not violate any values listed in the Section 6.1. These limits are
provided to prevent damage to the device.
9.2.1.2 Input Considerations
Unused inputs must be terminated to either VCC or ground. These can be directly terminated if the input is
completely unused, or they can be connected with a pull-up or pull-down resistor if the input is to be used
sometimes, but not always. A pull-up resistor is used for a default state of HIGH, and a pull-down resistor is used
for a default state of LOW. The resistor size is limited by drive current of the controller, leakage current into the
SN74HC74, as specified in the Section 6.5, and the desired input transition rate. A 10-kΩ resistor value is often
used due to these factors.
The SN74HC74 has standard CMOS inputs, so input signal edge rates cannot be slow. Slow input edge rates
can cause oscillations and damaging shoot-through current. The recommended rates are defined in the Section
6.3.
Refer to the Section 8.3 for additional information regarding the inputs for this device.
9.2.1.3 Output Considerations
The positive supply voltage is used to produce the output HIGH voltage. Drawing current from the output will
decrease the output voltage as specified by the VOH specification in the Section 6.5. Similarly, the ground voltage
is used to produce the output LOW voltage. Sinking current into the output will increase the output voltage as
specified by the VOL specification in the Section 6.5.
Unused outputs can be left floating. Do not connect outputs directly to VCC or ground.
Refer to Section 8.3 for additional information regarding the outputs for this device.
9.2.1.4 Timing Considerations
The SN74HC74 is a clocked device. As such, it requires special timing considerations to ensure normal
operation.
Primary timing factors to consider:
• Maximum clock frequency: the maximum operating clock frequency defined in Section 6.7 is the maximum
frequency at which the device is guaranteed to function. This value refers specifically to the triggering
waveform, measuring from one trigger level to the next.
• Pulse duration: ensure that the triggering event duration is larger than the minimum pulse duration, as
defined in the Section 6.7.
• Setup time: ensure that the data has changed at least one setup time prior to the triggering event, as defined
in the Section 6.7.
• Hold time: ensure that the data remains in the desired state at least one hold time after the triggering event,
as defined in the Section 6.7.
9.2.2 Detailed Design Procedure
1. Add a decoupling capacitor from VCC to GND. The capacitor needs to be placed physically close to the
device and electrically close to both the VCC and GND pins. An example layout is shown in the Section 11.
2. Ensure the capacitive load at the output is ≤ 70 pF. This is not a hard limit, however it will ensure optimal
performance. This can be accomplished by providing short, appropriately sized traces from the SN74HC74
to the receiving device.
3. Ensure the resistive load at the output is larger than (VCC / IO(max)) Ω. This will ensure that the maximum
output current from the Section 6.1 is not violated. Most CMOS inputs have a resistive load measured in
megaohms; much larger than the minimum calculated above.
www.ti.com
SN74HC74, SN54HC74
SCLS094F – DECEMBER 1982 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: SN74HC74 SN54HC74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com