Electronic Components Datasheet Search
  English  ▼

X  

MBRB1045PBF Datasheet(PDF) 3 Page - International Rectifier

Part # MBRB1045PBF
Description  SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBRB1045PBF Datasheet(HTML) 3 Page - International Rectifier

  MBRB1045PBF Datasheet HTML 1Page - International Rectifier MBRB1045PBF Datasheet HTML 2Page - International Rectifier MBRB1045PBF Datasheet HTML 3Page - International Rectifier MBRB1045PBF Datasheet HTML 4Page - International Rectifier MBRB1045PBF Datasheet HTML 5Page - International Rectifier MBRB1045PBF Datasheet HTML 6Page - International Rectifier MBRB1045PBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MBRB10..PbF Series
Bulletin PD-21042 rev. A 06/06
3
www.irf.com
Fig. 2 - Typical Values Of Reverse Current
Vs. Reverse Voltage
Fig. 3 - Typical Junction Capacitance
Vs. Reverse Voltage
Fig.4-Max. Thermal Impedance Z
thJC Characteristics
Fig. 1 - Max. Forward Voltage Drop Characteristics
0.0001
0.001
0.01
0.1
1
10
100
0
5
10 15 20 25 30 35 40 45
R
100°C
75°C
50°C
25°C
Reverse Voltage - V (V)
T = 150°C
J
125°C
100
1000
0
10
20
304050
R
Reverse Voltage - V (V)
T = 25°C
J
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
t , Rectangular Pulse Duration (Seconds)
Single Pulse
(Thermal Resistance)
1
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
thJC
C
DM
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20
2
t
1
t
P
DM
1
10
100
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
FM
T = 150°C
T = 125°C
T = 25°C
J
J
J
Forward Voltage Drop - V
(V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com