Electronic Components Datasheet Search
  English  ▼

X  

MBRB1045PBF Datasheet(PDF) 6 Page - International Rectifier

Part # MBRB1045PBF
Description  SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBRB1045PBF Datasheet(HTML) 6 Page - International Rectifier

  MBRB1045PBF Datasheet HTML 1Page - International Rectifier MBRB1045PBF Datasheet HTML 2Page - International Rectifier MBRB1045PBF Datasheet HTML 3Page - International Rectifier MBRB1045PBF Datasheet HTML 4Page - International Rectifier MBRB1045PBF Datasheet HTML 5Page - International Rectifier MBRB1045PBF Datasheet HTML 6Page - International Rectifier MBRB1045PBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MBRB10..PbF Series
Bulletin PD-21042 rev. A 06/06
6
www.irf.com
Ordering Information Table
Device Code
1
5
2
4
3
1
-
Essential Part Number
2
-
B = Surface Mount
3
-
Current Rating (10 = 10A)
4
-
Voltage Ratings
5
-
none = Tube (50 pieces)
6
TRL = Tape & Reel
TRR = Tape & Reel
6
-
none = Standard Production
PbF = Lead-Free
35 = 35V
45 = 45V
MBR
B
10
45
TRL
PbF
6
Dimensionsinmillimetersand(inches)
Tape & Reel Information



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com