Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC2G06 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74LVC2G06
Description  SN74LVC2G06 Dual Inverter Buffer and Driver With Open-Drain Outputs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC2G06 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LVC2G06 Datasheet HTML 3Page - Texas Instruments SN74LVC2G06 Datasheet HTML 4Page - Texas Instruments SN74LVC2G06 Datasheet HTML 5Page - Texas Instruments SN74LVC2G06 Datasheet HTML 6Page - Texas Instruments SN74LVC2G06 Datasheet HTML 7Page - Texas Instruments SN74LVC2G06 Datasheet HTML 8Page - Texas Instruments SN74LVC2G06 Datasheet HTML 9Page - Texas Instruments SN74LVC2G06 Datasheet HTML 10Page - Texas Instruments SN74LVC2G06 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
Temperature - °C
-100
-50
0
50
100
150
0
0.5
1
1.5
2
2.5
D001
TPD
Vcc - V
0
1
2
3
4
5
6
0
1
2
3
4
5
6
D002
TPD
SN74LVC2G06
www.ti.com
SCES307J – AUGUST 2001 – REVISED JULY 2015
6.9 Typical Characteristics
Figure 1. TPD Across Temperature at 3.3-V VCC
Figure 2. TPD Across VCC at 25°C
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN74LVC2G06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com