Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC2G06 Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74LVC2G06
Description  SN74LVC2G06 Dual Inverter Buffer and Driver With Open-Drain Outputs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC2G06 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74LVC2G06 Datasheet HTML 5Page - Texas Instruments SN74LVC2G06 Datasheet HTML 6Page - Texas Instruments SN74LVC2G06 Datasheet HTML 7Page - Texas Instruments SN74LVC2G06 Datasheet HTML 8Page - Texas Instruments SN74LVC2G06 Datasheet HTML 9Page - Texas Instruments SN74LVC2G06 Datasheet HTML 10Page - Texas Instruments SN74LVC2G06 Datasheet HTML 11Page - Texas Instruments SN74LVC2G06 Datasheet HTML 12Page - Texas Instruments SN74LVC2G06 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
A
Y
1
3
SN74LVC2G06
www.ti.com
SCES307J – AUGUST 2001 – REVISED JULY 2015
8 Detailed Description
8.1 Overview
The SN74LVC2G06 dual open-drain inverter device contains one open-drain inverter with a maximum sink
current of 32 mA. This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry
disables the outputs, preventing damaging current backflow through the device when it is powered down.
8.2 Functional Block Diagram
8.3 Feature Description
The wide operating voltage range of 1.65 V to 5.5 V allows the SN74LVC2G06 to be used in systems with many
different voltage rails. In addition, the voltage tolerance on the output allows the device to be used for inverting
up-translation or down-translation. The IOFF feature safely allows voltage on the inputs and outputs when there's
no VCC is present.
8.4 Device Functional Modes
Table 1 lists the functional modes of the SN74LVC2G06.
Table 1. Function Table
INPUT
OUTPUT
A
Y
L
Hi-Z
H
L
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN74LVC2G06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com