Electronic Components Datasheet Search
  English  ▼

X  

ICS844071 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS844071
Description  FEMTOCLOCKS??CRYSTAL-TO-LVDS CLOCK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS844071 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS844071 Datasheet HTML 7Page - Integrated Device Technology ICS844071 Datasheet HTML 8Page - Integrated Device Technology ICS844071 Datasheet HTML 9Page - Integrated Device Technology ICS844071 Datasheet HTML 10Page - Integrated Device Technology ICS844071 Datasheet HTML 11Page - Integrated Device Technology ICS844071 Datasheet HTML 12Page - Integrated Device Technology ICS844071 Datasheet HTML 13Page - Integrated Device Technology ICS844071 Datasheet HTML 14Page - Integrated Device Technology ICS844071 Datasheet HTML 15Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
ICS844071
FEMTOCLOCK™CRYSTAL-TO-LVDS CLOCK GENERATOR
IDT™ / ICS™ LVDS CLOCK GENERATOR
11
ICS844071AG SEPTEMBER 26, 2007
Power Considerations
This section provides information on power dissipation and junction temperature for the ICS844071.
Equations and example calculations are also provided.
1.
Power Dissipation.
The total power dissipation for the ICS844071 is the sum of the core power plus the analog power plus the power dissipated in the load(s).
The following is the power dissipation for VDD = 3.3V + 10% = 3.63V, which gives worst case results.
NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
•
Power (core)MAX = VDD_MAX * (IDD_MAX + IDDA_MAX) = 3.63V * (135mA + 12mA) = 533.61mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of the device.
The maximum recommended junction temperature for HiPerClockS devices is 125°C.
The equation for Tj is as follows: Tj =
θ
JA * Pd_total + TA
Tj = Junction Temperature
θ
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θ
JA must be used. Assuming a moderate
air flow of 1 meter per second and a multi-layer board, the appropriate value is 90.5°C/W per Table 6 below.
Therefore, Tj for an ambient temperature of 70°C with all outputs switching is:
70°C + 0.533W * 90.5°C/W = 118.3°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow and the type
of board (single layer or multi-layer).
Table 6. Thermal Resistance θJA for 8 Lead TSSOP, Forced Convection
θ
JA by Velocity
Meters per Second
01
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
101.7°C/W
90.5
89.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com