Electronic Components Datasheet Search
  English  ▼

X  

LM4040CECT-2.0 Datasheet(PDF) 21 Page - STMicroelectronics

Part # LM4040CECT-2.0
Description  Precision micropower shunt voltage reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM4040CECT-2.0 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button LM4040CECT-2.0 Datasheet HTML 14Page - STMicroelectronics LM4040CECT-2.0 Datasheet HTML 15Page - STMicroelectronics LM4040CECT-2.0 Datasheet HTML 16Page - STMicroelectronics LM4040CECT-2.0 Datasheet HTML 17Page - STMicroelectronics LM4040CECT-2.0 Datasheet HTML 18Page - STMicroelectronics LM4040CECT-2.0 Datasheet HTML 19Page - STMicroelectronics LM4040CECT-2.0 Datasheet HTML 20Page - STMicroelectronics LM4040CECT-2.0 Datasheet HTML 21Page - STMicroelectronics LM4040CECT-2.0 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
List of figures
Figure 1.
Pin configuration SOT23-3L, SOT323-5L (top view) .......................................... 2
Figure 2.
VK change vs. temperature (5 V version) .................................................. 5
Figure 3.
VK change vs. temperature (5 V version) .................................................. 5
Figure 4.
IKmin minimum current for regulation ..................................................... 5
Figure 5.
Low frequency noise test ............................................................. 5
Figure 6.
Measured dynamic impedance ......................................................... 5
Figure 7.
Forward characteristics .............................................................. 5
Figure 8.
Turn-on time setting (no Cload ) ........................................................ 6
Figure 9.
Turn-on time setting (Cload = 100 nF) .................................................... 6
Figure 10.
Turn-on time setting (Cload = 1 µF) ...................................................... 6
Figure 11.
Stability plane vs. Cout .............................................................. 6
Figure 12.
SOT23-3L package outline............................................................ 7
Figure 13.
SOT23-3L recommended footprint ...................................................... 8
Figure 14.
SOT323-5L package outline ........................................................... 9
Figure 15.
SOT323-5L recommended footprint..................................................... 10
Figure 16.
SOT23-3L tape outline.............................................................. 11
Figure 17.
SOT23-3L reel drawing ............................................................. 12
Figure 18.
SOT23-3L tape direction ............................................................ 13
Figure 19.
SOT323-5L tape outline............................................................. 13
Figure 20.
SOT323-5L reel drawing ............................................................ 14
Figure 21.
SOT323-5L tape direction ........................................................... 15
LM4040
List of figures
DS13886 - Rev 2
page 21/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com