Electronic Components Datasheet Search
  English  ▼

X  

LM4040CECT-2.0 Datasheet(PDF) 4 Page - STMicroelectronics

Part # LM4040CECT-2.0
Description  Precision micropower shunt voltage reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM4040CECT-2.0 Datasheet(HTML) 4 Page - STMicroelectronics

  LM4040CECT-2.0 Datasheet HTML 1Page - STMicroelectronics LM4040CECT-2.0 Datasheet HTML 2Page - STMicroelectronics LM4040CECT-2.0 Datasheet HTML 3Page - STMicroelectronics LM4040CECT-2.0 Datasheet HTML 4Page - STMicroelectronics LM4040CECT-2.0 Datasheet HTML 5Page - STMicroelectronics LM4040CECT-2.0 Datasheet HTML 6Page - STMicroelectronics LM4040CECT-2.0 Datasheet HTML 7Page - STMicroelectronics LM4040CECT-2.0 Datasheet HTML 8Page - STMicroelectronics LM4040CECT-2.0 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
3
Electrical characteristics
Limits are 100% production tested at 25 °C. Limits over full temperature range are guaranteed through correlation
and by design. Ik = 10 µA, Tamb = 25 °C (unless otherwise specified).
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vk
Reverse breakdown voltage
(Vk = 2.048 V)
Ik = 10 µA, LM4040A
2.0460
2.048
2.0500
V
Ik = 10 µA, LM4040B
2.0439
2.0521
Ik = 10 µA, LM4040C
2.0378
2.0582
Ik = 10 µA, LM4040D
2.0275
2.0685
Reverse breakdown voltage
(Vk = 2.5 V)
Ik = 10 µA, LM4040A
2.4975
2.50
2.5025
V
Ik = 10 µA, LM4040B
2.4950
2.5050
Ik = 10 µA, LM4040C
2.04875
2.5125
Ik = 10 µA, LM4040D
2.4750
2.5250
Reverse breakdown voltage
(Vk = 3.0 V)
Ik = 12 µA, LM4040A
2.9970
3.0
3.0030
V
Ik = 12 µA, LM4040B
2.9940
3.0060
Ik = 12 µA, LM4040c
2.9850
3.0150
Ik = 12 µA, LM4040D
2.9700
3.0300
Reverse breakdown voltage
(Vk = 4.096 V)
Ik = 20 µA, LM4040A
4.0919
4.096
4.1001
V
Ik = 20 µA, LM4040B
4.0878
4.1042
Ik = 20 µA, LM4040C
4.0755
4.1165
Ik = 20 µA, LM4040D
4.0550
4.1370
Reverse breakdown voltage
(Vk = 4.096 V)
Ik = 20 µA, LM4040A
4.9950
5.0
5.0050
V
Ik = 20 µA, LM4040B
4.9900
5.0100
Ik = 20 µA, LM4040C
4.9750
5.0250
Ik = 20 µA, LM4040D
4.9500
5.0500
Ikmin
Minimum operating current
Tamb = 25 °C, Vk <2.5 V
7.5
10
µA
-40 °C < Tamb < +125 °C
12
Tamb = 25 °C, Vk >3.0 V
15
20
-40 °C < Tamb < +125 °C
25
ΔVk/ΔT Average temperature coefficient
10 µA <Ik <20 mA
20
70
ppm/° C
ΔVk/ΔIk
Reverse breakdown voltage change
with operating current range
Ik min < Ik < 1 mA
-40 °C < Tamb < +125 °C
0.2
1
mV
1 mA < Ik < 15 mA
-40 °C < Tamb < +125 °C
1.7
4
Rka
Static impedance
ΔIk = 10 µA to 10 mA
0.15
0.3
Ω
Hys
Thermal hysteresis (1)
Ik =10 µA
120
ppm
Noise
Wideband noise
Ik = 10 µA, 10 Hz < f< 10 kHz
95
mVRMS
Low frequency noise
Ik = 10 µA, 0.1 Hz < f< 10 Hz
10
µVp-p
1. Thermal hysteresis is defined as the difference in voltage measured at +25 °C after cycling to -40 °C and the measurement at +25 °C after
cycling to temperature +125 °C.
LM4040
Electrical characteristics
DS13886 - Rev 2
page 4/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com