Electronic Components Datasheet Search
  English  ▼

X  

TPS709 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS709
Description  TPS709-Q1 Automotive, 150mA, 30V, 1μA IQ Voltage Regulator With Enable
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS709 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS709 Datasheet HTML 17Page - Texas Instruments TPS709 Datasheet HTML 18Page - Texas Instruments TPS709 Datasheet HTML 19Page - Texas Instruments TPS709 Datasheet HTML 20Page - Texas Instruments TPS709 Datasheet HTML 21Page - Texas Instruments TPS709 Datasheet HTML 22Page - Texas Instruments TPS709 Datasheet HTML 23Page - Texas Instruments TPS709 Datasheet HTML 24Page - Texas Instruments TPS709 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
7.4.2 Layout Examples
Input Ground
Plane
Output Ground
Plane
Grounded
Thermal Plane
Grounded
Thermal Plane
Input
Trace
Output Trace
Enable
Trace
Input Capacitor
Output Capacitor
Designates thermal vias.
Thermal Pad
OUT
GND
NC
IN
NC
EN
Figure 7-5. WSON Layout Example
COUT
VOUT
VIN
GND PLANE
CIN
Represents via used for application-specific connections.
IN
GND
EN
NC
OUT
Figure 7-6. SOT23-5 Layout Example
www.ti.com
TPS709-Q1
SLVSCE6D – DECEMBER 2013 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPS709-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com