Electronic Components Datasheet Search
  English  ▼

X  

TPS709 Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS709
Description  TPS709-Q1 Automotive, 150mA, 30V, 1μA IQ Voltage Regulator With Enable
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS709 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS709 Datasheet HTML 8Page - Texas Instruments TPS709 Datasheet HTML 9Page - Texas Instruments TPS709 Datasheet HTML 10Page - Texas Instruments TPS709 Datasheet HTML 11Page - Texas Instruments TPS709 Datasheet HTML 12Page - Texas Instruments TPS709 Datasheet HTML 13Page - Texas Instruments TPS709 Datasheet HTML 14Page - Texas Instruments TPS709 Datasheet HTML 15Page - Texas Instruments TPS709 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
5.8 Typical Characteristics (continued)
Over operating temperature range (TJ = –40°C to 125°C), IOUT = 10 mA, VEN = 2 V, COUT = 2.2 μF, and VIN = VOUT(nom) + 1 V
or 2.7 V (whichever is greater), unless otherwise noted. Typical values are at TJ = 25°C.
Channel 4
(50 mA / div)
Channel 2
(200 mV / div)
Time (100 s / div)
m
Channel 2 = VOUT, channel 4 = IOUT, VIN = 4.3 V
Figure 5-31. TPS70933-Q1 Load Transient (0 mA to 50 mA)
Channel 4
(100 mA / div)
Channel 2
(200 mV / div)
Time (500 s / div)
m
Channel 2 = VOUT, channel 4 = IOUT, VIN = 4.3 V
Figure 5-32. TPS70933-Q1 Load Transient (1 mA to 150 mA)
Channel 4
(50 mA / div)
Channel 2
(200 mV / div)
Time (10 ms / div)
Channel 2 = VOUT, channel 4 = IOUT, VIN = 4.3 V
Figure 5-33. TPS70933-Q1 Load Transient (50 mA to 0 mA)
Channel 4
(50 mA / div)
Channel 2
(200 mV / div)
Time (500 s / div)
m
Channel 2 = VOUT, channel 4 = IOUT, VIN = 4.3 V
Figure 5-34. TPS70933-Q1 Load Transient (50 mA to 150 mA)
Channel 4
(2 V / div)
Channel 2
(50 mV / div)
Time (50 s / div)
m
Channel 2 = VOUT, channel 4 = VIN, IOUT = 10 mA
Figure 5-35. TPS70912-Q1 Line Transient (2.7 V to 3.7 V)
Channel 4
(2 V / div)
Channel 2
(50 mV / div)
Time (50 s / div)
m
Channel 2 = VOUT, channel 4 = VIN, IOUT = 50 mA
Figure 5-36. TPS70912-Q1 Line Transient (2.7 V to 3.7 V)
TPS709-Q1
SLVSCE6D – DECEMBER 2013 – REVISED AUGUST 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS709-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com