Electronic Components Datasheet Search
  English  ▼

X  

TX6000 Datasheet(PDF) 4 Page - rfsolutions.ltd

Part # TX6000
Description  458MHZ RF TRANSMITTER & RECEIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

TX6000 Datasheet(HTML) 4 Page - rfsolutions.ltd

  TX6000 Datasheet HTML 1Page - rfsolutions.ltd TX6000 Datasheet HTML 2Page - rfsolutions.ltd TX6000 Datasheet HTML 3Page - rfsolutions.ltd TX6000 Datasheet HTML 4Page - rfsolutions.ltd TX6000 Datasheet HTML 5Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DS006-2
Oct 02
2003 REG No 277 4001, ENGLAND.
Page 4
458MHZ RF TRANSMITTER & RECEIVER
TX/RX6000
Circuit Connections
Transceiver Application Connections
1
12
2
1
11
1
1
10
0
9
9
8
8
7
7
6
6
5
5
4
4
3
3
2
2
1
1
1
12
2
1
11
1
1
10
0
9
9
8
8
7
7
6
6
5
5
4
4
3
3
2
2
1
1
+
+7
7V
V
+
+7
7V
V S
Su
up
pp
plly
y V
Vo
olltta
ag
ge
e
T
Trra
an
ns
sm
miitttte
err O
On
n
D
Diig
giitta
all D
Da
atta
a IIn
n
D
Diig
giitta
all D
Da
atta
a O
Ou
utt
R
RS
SS
SII
0
0V
V
T
TX
X o
on
n
D
Diig
giitta
all D
Da
atta
a IIn
n
0
0V
V
1
1K
K
Ω
Ω
1
12
2
7
7
6
6
5
5
4
4
3
3
2
2
1
1
T
Trra
an
ns
sm
miitttte
err C
Co
on
nn
ne
ec
cttiio
on
ns
s
T
Trra
an
ns
sm
miitttte
err C
Co
on
nn
ne
ec
cttiio
on
ns
s
R
Re
ec
ce
eiiv
ve
err C
Co
on
nn
ne
ec
cttiio
on
ns
s
R
Re
ec
ce
eiiv
ve
err C
Co
on
nn
ne
ec
cttiio
on
ns
s
+
+5
5V
V
D
Diig
giitta
all D
Da
atta
a O
Ou
utt
R
RS
SS
SII
0
0V
V
0
0V
V
1
12
2
9
9
8
8
7
7
6
6
5
5
4
4
3
3
2
2
1
1
N
No
otte
e
T
Th
hiis
s lliin
nk
k tto
o b
be
e e
ex
xa
ac
cttlly
y
1
10
00
0m
mm
m o
off C
Co
oa
ax
xiia
all C
Ca
ab
blle
e
W
Wh
he
en
n a
a ttrra
an
ns
sc
ce
eiiv
ve
err iis
s c
co
on
nffiig
gu
urre
ed
d,, tth
he
e
rre
ec
ce
eiiv
ve
err m
mo
od
du
ulle
e iis
s p
plla
ac
ce
ed
d iin
ntto
o p
po
ow
we
err
s
sa
av
ve
e m
mo
od
de
e a
au
utto
om
ma
attiic
ca
alllly
y w
wh
he
en
n tth
he
e
ttrra
an
ns
sm
miitttte
err iis
s p
po
ow
we
erre
ed
d o
on
n..



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com