Electronic Components Datasheet Search
  English  ▼

X  

TX6000 Datasheet(PDF) 1 Page - rfsolutions.ltd

Part # TX6000
Description  458MHZ RF TRANSMITTER & RECEIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

TX6000 Datasheet(HTML) 1 Page - rfsolutions.ltd

  TX6000 Datasheet HTML 1Page - rfsolutions.ltd TX6000 Datasheet HTML 2Page - rfsolutions.ltd TX6000 Datasheet HTML 3Page - rfsolutions.ltd TX6000 Datasheet HTML 4Page - rfsolutions.ltd TX6000 Datasheet HTML 5Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DS006-2
Oct 02
2003 REG No 277 4001, ENGLAND.
Page 1
458MHZ RF TRANSMITTER & RECEIVER
TX/RX6000
DESCRIPTION
The R.F. Solutions 458MHz FM Transmitter and receivers are compact ‘credit card’ sized crystal controlled
modules, capable of transmitting data up to 20 kilometres in direct line of sight, up to 1-3km within
buildings.
These modules are crystal controlled for frequency accuracy and are supplied tuned to one of 15 available
channel frequencies.
The units are suitable for general purpose telemetry applications where small size and high data rates are
needed. The module can transmit digital or analogue (GMSK, or FSK) data at up to 9600baud rate.
Supplied as a completed module, no modification or pre tuning is necessary. Connections are by gold
plated pins on the module base, enabling the module to be socketed for interchangeability (e.g. for other
frequency channels).
The radios have been designed to meet ETSI300-220, EN50081-1, EN50082-1 EMC directive and are DTI
approved under MPT1329 for licence free use.
TYPICAL OPERATION
FEATURES
• Miniature Crystal Module
• 500mw RF Output Power
• Very High Frequency Stability
• Up To 20km Range (Direct Line Of Sight)
• 1-3km Range (Within Buildings)
• 15 Single Channel Versions Available
• Wide Tx Voltage Range 6.5 - 9v Dc
• Rx - Single Supply Voltage 5vdc
• Low Power Consumption
• Fast Response Time
• Standard TTL/CMOS Interface
• Mpt1329 Licence Exempt
H
Ho
os
stt D
Da
atta
a
S
So
ou
urrc
ce
e
T
TX
X6
60
00
00
0
R
RX
X6
60
00
00
0
H
Ho
os
stt D
Da
atta
a
S
So
ou
urrc
ce
e


Similar Part No. - TX6000

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
TX6000 RFM-TX6000 Datasheet
73Kb / 6P
916.50 MHz Hybrid Transmitter
logo
PANDUIT CORP.
TX6000 PANDUIT-TX6000 Datasheet
105Kb / 2P
TX6000™ UTP Cableado de Cobre
3/2013
More results

Similar Description - TX6000

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB4395 STMICROELECTRONICS-STB4395 Datasheet
153Kb / 16P
CT2 RECEIVER/TRANSMITTER
Apr-1996
logo
rfsolutions.ltd
RF620T RFSOLUTIONS-RF620T Datasheet
132Kb / 7P
SmartRadio Transmitter / Receiver
X7000 RFSOLUTIONS-X7000 Datasheet
221Kb / 9P
458MHZ RF SYNTHESISED TRANSCEIVER
logo
Cypress Semiconductor
CY7B923 CYPRESS-CY7B923_05 Datasheet
805Kb / 33P
HOTLink Transmitter/Receiver
logo
Epson Company
S1R77081F EPSON-S1R77081F Datasheet
161Kb / 2P
RSDS Transmitter/Receiver
logo
Analog Devices
AD9986 AD-AD9986 Datasheet
123Kb / 5P
4T2R Direct RF Transmitter and Observation Receiver
AD9988 AD-AD9988 Datasheet
3Mb / 40P
4T4R Direct RF Receiver and Transmitter
ADRV9009 AD-ADRV9009 Datasheet
3Mb / 127P
Integrated Dual RF Transmitter, Receiver, and Observation Receiver
5/2019-Rev. A to Rev B.
AD9986 AD-AD9986_V01 Datasheet
3Mb / 37P
4T2R Direct RF Transmitter and Observation Receiver
Rev. 0
logo
Logic Fruit Technologie...
JESD204C LFTECH-JESD204C Datasheet
640Kb / 3P
Transmitter and Receiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com