Electronic Components Datasheet Search
  English  ▼

X  

74VHC14 Datasheet(PDF) 7 Page - STMicroelectronics

Part # 74VHC14
Description  Hex Schmitt inverter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC14 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button 74VHC14 Datasheet HTML 3Page - STMicroelectronics 74VHC14 Datasheet HTML 4Page - STMicroelectronics 74VHC14 Datasheet HTML 5Page - STMicroelectronics 74VHC14 Datasheet HTML 6Page - STMicroelectronics 74VHC14 Datasheet HTML 7Page - STMicroelectronics 74VHC14 Datasheet HTML 8Page - STMicroelectronics 74VHC14 Datasheet HTML 9Page - STMicroelectronics 74VHC14 Datasheet HTML 10Page - STMicroelectronics 74VHC14 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
74VHC14
Electrical characteristics
Doc ID 5741 Rev 9
7/16
Table 7.
AC electrical characteristics (input tr = tf = 3 ns)
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
CL
(pF)
TA = 25 °C
-40 to 85 °C
-55 to 125 °C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH
tPHL
Propagation delay
time
3.3(1)
15
8.3
12.8
1.0
15.0
1.0
15.0
ns
3.3(1)
50
10.8
16.3
1.0
18.5
1.0
18.5
5.0(2)
15
5.5
8.6
1.0
10.0
1.0
10.0
5.0(2)
50
7.0
10.6
1.0
12.0
1.0
12.0
1.
Voltage range is 3.3 V ± 0.3 V.
2.
Voltage range is 5.0 V ± 0.5 V.
Table 8.
Capacitive characteristics
Symbol
Parameter
Test condition
Value
Unit
TA = 25 °C
-40 to 85 °C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input capacitance
6
10
10
10
pF
CPD
Power dissipation
capacitance(1)
14
pF
1.
CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current
consumption without load. (Refer to Section 5: Test circuit). Average operating current can be obtained by the following
equation. ICC(opr) = CPD x VCC x fIN + ICC/6 (per gate).
Table 9.
Dynamic switching characteristics
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
TA = 25 °C
-40 to 85 °C
-55 to 125 °C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VOLP
Dynamic low
voltage quiet
output(1), (2)
5.0
CL = 50 pF
0.3
0.8
V
VOLV
-0.8
-0.3
VIHD
Dynamic high
voltage input (1), (3)
5.0
3.5
V
VILD
Dynamic low
voltage input (1), (3)
5.0
1.5
V
1.
Worst case package.
2.
Max number of outputs defined as (n). Data inputs are driven 0 V to 5.0 V, (n-1) outputs switching and one output at GND.
3.
Max number of data inputs (n) switching. (n-1) switching 0 V to 5.0 V. Inputs under test switching: 5.0 V to threshold (VILD),
0 V to threshold (VIHD), f = 1 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com