Electronic Components Datasheet Search
  English  ▼

X  

74VHC14 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74VHC14
Description  Hex Schmitt inverter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC14 Datasheet(HTML) 1 Page - STMicroelectronics

  74VHC14 Datasheet HTML 1Page - STMicroelectronics 74VHC14 Datasheet HTML 2Page - STMicroelectronics 74VHC14 Datasheet HTML 3Page - STMicroelectronics 74VHC14 Datasheet HTML 4Page - STMicroelectronics 74VHC14 Datasheet HTML 5Page - STMicroelectronics 74VHC14 Datasheet HTML 6Page - STMicroelectronics 74VHC14 Datasheet HTML 7Page - STMicroelectronics 74VHC14 Datasheet HTML 8Page - STMicroelectronics 74VHC14 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
This is information on a product in full production.
October 2012
Doc ID 5741 Rev 9
1/16
16
74VHC14
Hex Schmitt inverter
Datasheet
− production data
Features
■ High speed: tPD = 5.5 ns (typ.) at VCC = 5 V
■ Low power dissipation
–ICC = 2 μA (max.) at TA = 25 °C
■ Typical hysteresis: Vh = 1 V at VCC = 4.5 V
■ Power-down protection on inputs
– Symmetrical output impedance
|IOH| = IOL = 8 mA (min.)
■ Balanced propagation delay: tPLH ≅ tPHL
■ Operating voltage range
–VCC (opr.) = 2 V to 5.5 V
■ Pin and function compatible with 74 series 14
■ Improved latch-up immunity
■ Low noise
–VOLP = 0.8 V (max.)
■ ESD performance
– HBM: 2000 V
– MM: 200 V
– CDM: 1000 V
Applications
■ Automotive
■ Industrial
■ Computer
■ Consumer
Description
The 74VHC14 device is an advanced high-speed
CMOS hex Schmitt inverter manufactured with
sub-micron silicon gate and double-layer metal
wiring C2MOS technology. The internal circuit is
composed of 3 stages including a buffer output,
which provides high noise immunity and stable
output.
Power-down protection is provided on all inputs
and 0 to 7 V can be accepted on inputs
regardless of the supply voltage. This device can
be used to interface from 5 V to 3 V.
Pin configuration and function are the same as
those of the 74VHC04 device but the 74VHC14
device has hysteresis.
This along with its Schmitt trigger function allows
the device to be used on line receivers with slow
rise/fall input signals.
All inputs and outputs are equipped with
protection circuits against static discharge, giving
them 2 kV ESD immunity and transient excess
voltage.
SO-14
TSSOP14
Table 1.
Device summary
Order code
Temperature range
Package
Packaging
Marking
74VHC14TTR
-55/+125 °C
TSSOP14
Tape and reel
VHC14
74VHC14YTTR(1)
-40/+125 °C
TSSOP14 (automotive grade)
Tape and reel
VHC14Y
74VHC14MTR
-55/+125 °C
SO-14
Tape and reel
74VHC14
74VHC14YMTR(1)
-40/+125 °C
SO-14 (automotive grade)
Tape and reel
74VHC14Y
1.
Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC
Q001 and Q002 or equivalent.
www.st.com


Similar Part No. - 74VHC14

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC14 STMICROELECTRONICS-74VHC14 Datasheet
220Kb / 11P
HEX SCHMITT INVERTER
12-Nov-2004
logo
Fairchild Semiconductor
74VHC14 FAIRCHILD-74VHC14 Datasheet
75Kb / 8P
Hex Schmitt Inverter
logo
National Semiconductor ...
74VHC14 NSC-74VHC14 Datasheet
138Kb / 6P
Hex Schmitt Inverter
logo
Fairchild Semiconductor
74VHC14 FAIRCHILD-74VHC14 Datasheet
78Kb / 6P
Hex Schmitt Inverter
logo
STMicroelectronics
74VHC14 STMICROELECTRONICS-74VHC14 Datasheet
244Kb / 15P
HEX SCHMITT inverter
03-May-2007
More results

Similar Description - 74VHC14

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Toshiba Semiconductor
TC74LVX14F TOSHIBA-TC74LVX14F Datasheet
242Kb / 7P
HEX SCHMITT INVERTER
05-Aug-1997
TC74VHCT14AF TOSHIBA-TC74VHCT14AF Datasheet
211Kb / 5P
HEX SCHMITT INVERTER
25-Nov-1998
logo
STMicroelectronics
74AC14 STMICROELECTRONICS-74AC14 Datasheet
174Kb / 7P
HEX SCHMITT INVERTER
Mar-1998
logo
ON Semiconductor
MC74VHC14 ONSEMI-MC74VHC14 Datasheet
83Kb / 7P
Hex Schmitt Inverter
February, 2006 ??Rev. 9
logo
Toshiba Semiconductor
TC74VHC14F TOSHIBA-TC74VHC14F_07 Datasheet
255Kb / 9P
Hex Schmitt Inverter
logo
STMicroelectronics
74ACT14 STMICROELECTRONICS-74ACT14_01 Datasheet
178Kb / 8P
HEX SCHMITT INVERTER
Apr-2001
M74HC14 STMICROELECTRONICS-M74HC14_08 Datasheet
320Kb / 14P
Hex Schmitt inverter
23-May-2008
logo
ON Semiconductor
MC74VHC14 ONSEMI-MC74VHC14_11 Datasheet
124Kb / 7P
Hex Schmitt Inverter
May, 2011 ??Rev. 10
74VHCT14A ONSEMI-74VHCT14A Datasheet
223Kb / 8P
Hex Schmitt Inverter
December 2007 Rev. 1.5.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com