Electronic Components Datasheet Search
  English  ▼

X  

1291186 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1291186
Description  MACX MCR-EX-AP-2SD-25-35-LP-SP - Solenoid driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1291186 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1291186 Datasheet HTML 1Page - PHOENIX CONTACT 1291186 Datasheet HTML 2Page - PHOENIX CONTACT 1291186 Datasheet HTML 3Page - PHOENIX CONTACT 1291186 Datasheet HTML 4Page - PHOENIX CONTACT 1291186 Datasheet HTML 5Page - PHOENIX CONTACT 1291186 Datasheet HTML 6Page - PHOENIX CONTACT 1291186 Datasheet HTML 7Page - PHOENIX CONTACT 1291186 Datasheet HTML 8Page - PHOENIX CONTACT 1291186 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Ex i-Solenoid driver for intrinsically safe activation of Ex i solenoid valves, alarm transmitters, or
displays installed in potentially explosive areas. number of channels: 2, Standard configuration,
Loop-powered, 4-way isolation, Safety Integrity Level (SIL, IEC 61508): 3, Push-in connection
Commercial data
Item number
1291186
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
C430
Product key
DK121W
GTIN
4063151523756
Weight per piece (including packing)
196.3 g
Weight per piece (excluding packing)
160 g
Customs tariff number
85437090
Country of origin
DE
MACX MCR-EX-AP-2SD-25-35-LP-SP - Solenoid
driver
1291186
https://www.phoenixcontact.com/us/products/1291186
Nov 10, 2025, 12:18AM
Page 1 (10)


Similar Part No. - 1291186

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1291125 PHOENIX-1291125 Datasheet
365Kb / 10P
ICS25-BC100X110-V-7035 DEV-KIT - Housing set
logo
List of Unclassifed Man...
1291128000 ETC2-1291128000 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
1291128500 ETC2-1291128500 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
1291129000 ETC2-1291129000 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
1291130000 ETC2-1291130000 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
More results

Similar Description - 1291186

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
106034 PHOENIX-106034 Datasheet
438Kb / 16P
MACX MCR-EX-SL-RPSSI-2I(-SP)
103753 PHOENIX-103753 Datasheet
459Kb / 18P
MACX MCR-EX-SL-2NAM-T(-SP)
2865492 PHOENIX-2865492 Datasheet
124Kb / 7P
Solenoid driver - MACX MCR-EX-SL-SD-21-25-LP
2865515 PHOENIX-2865515 Datasheet
118Kb / 7P
Solenoid driver - MACX MCR-EX-SL-SD-21-60-LP
2865609 PHOENIX-2865609 Datasheet
120Kb / 8P
Solenoid driver - MACX MCR-EX-SL-SD-24-48-LP
2865764 PHOENIX-2865764 Datasheet
120Kb / 8P
Solenoid driver - MACX MCR-EX-SL-SD-21-40-LP
2924100 PHOENIX-2924100 Datasheet
116Kb / 7P
Solenoid driver - MACX MCR-EX-SL-SD-21-60-LP-SP
2924113 PHOENIX-2924113 Datasheet
122Kb / 7P
Solenoid driver - MACX MCR-EX-SL-SD-21-25-LP-SP
2924126 PHOENIX-2924126 Datasheet
94Kb / 7P
Solenoid driver - MACX MCR-EX-SL-SD-24-48-LP-SP
2924139 PHOENIX-2924139 Datasheet
118Kb / 8P
Solenoid driver - MACX MCR-EX-SL-SD-21-40-LP-SP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com