Electronic Components Datasheet Search
  English  ▼

X  

1291186 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1291186
Description  MACX MCR-EX-AP-2SD-25-35-LP-SP - Solenoid driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1291186 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1291186 Datasheet HTML 1Page - PHOENIX CONTACT 1291186 Datasheet HTML 2Page - PHOENIX CONTACT 1291186 Datasheet HTML 3Page - PHOENIX CONTACT 1291186 Datasheet HTML 4Page - PHOENIX CONTACT 1291186 Datasheet HTML 5Page - PHOENIX CONTACT 1291186 Datasheet HTML 6Page - PHOENIX CONTACT 1291186 Datasheet HTML 7Page - PHOENIX CONTACT 1291186 Datasheet HTML 8Page - PHOENIX CONTACT 1291186 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Technical data
Notes
Notes on operation
Installation conditions influence the ambient temperature.
Please refer to the “Control cabinet installation instructions”.
Product properties
Product type
Solenoid driver
Product family
MACX Analog
No. of channels
2
Electrical properties
Electrical isolation
4-way isolation
Electrical isolation between input and output
yes
Reverse polarity protection
yes
Electrical isolation Input/output IEC/EN 60079-11
Standards/regulations
IEC/EN 60079-11
Rated insulation voltage
375 VPP
Electrical isolation Output 1/output 2
Test voltage
500 V (50 Hz, 60 s)
Electrical isolation Input 1 / input 2
Test voltage
350 V (50 Hz, 60 s)
Supply
Supply voltage range
loop-powered, no external supply necessary
Power consumption
0.5 W (+ (lA x 37 mW/mA))
Input data
Signal: Digital
Switching level "0" signal
0 V ... 5 V
Switching level "1" signal
18 V ... 31.2 V
Output data
Switching: Digital
Output description
intrinsically safe
Typical response time
≤ 18 ms
Typical turn-off time
≤ 50 ms
Switching frequency
≤ 10 Hz
Open-circuit voltage
25 V DC
≤ 35 mA (per output)
Output current
≤ 70 mA (Outputs connected in parallel)
250 Ω (per output)
Internal resistance
MACX MCR-EX-AP-2SD-25-35-LP-SP - Solenoid
driver
1291186
https://www.phoenixcontact.com/us/products/1291186
Nov 10, 2025, 12:18AM
Page 2 (10)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com