Electronic Components Datasheet Search
  English  ▼

X  

2908804 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2908804
Description  MINI MCR-EX-RPSS-I-I-PT - Repeater power supply
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2908804 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2908804 Datasheet HTML 1Page - PHOENIX CONTACT 2908804 Datasheet HTML 2Page - PHOENIX CONTACT 2908804 Datasheet HTML 3Page - PHOENIX CONTACT 2908804 Datasheet HTML 4Page - PHOENIX CONTACT 2908804 Datasheet HTML 5Page - PHOENIX CONTACT 2908804 Datasheet HTML 6Page - PHOENIX CONTACT 2908804 Datasheet HTML 7Page - PHOENIX CONTACT 2908804 Datasheet HTML 8Page - PHOENIX CONTACT 2908804 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Ex i-Repeater power supply and input signal conditioner transmits supplied or active
0 mA/4 mA ... 20 mA signals from the Ex area to a load in the safe area.. HART-transparent,
open-circuit voltage: 15 V DC, Standard configuration, Line fault detection, Safety Integrity Level
(SIL, IEC 61508): 3, Push-in connection
Commercial data
Item number
2908804
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
C430
Product key
DK1221
GTIN
4055626362984
Weight per piece (including packing)
120.833 g
Weight per piece (excluding packing)
120.833 g
Customs tariff number
85437090
Country of origin
DE
MINI MCR-EX-RPSS-I-I-PT - Repeater power supply
2908804
https://www.phoenixcontact.com/us/products/2908804
Nov 10, 2025, 12:24AM
Page 1 (12)


Similar Part No. - 2908804

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2908800 PHOENIX-2908800 Datasheet
300Kb / 9P
FA MCR-EX-DS-I-I-OLP - Digital display
2908801 PHOENIX-2908801 Datasheet
301Kb / 9P
FA MCR-EX-FDS-I-I-OLP - Digital display
2908803 PHOENIX-2908803 Datasheet
372Kb / 12P
MINI MCR-EX-RPSS-I-I - Repeater power supply
2908805 PHOENIX-2908805 Datasheet
363Kb / 11P
MINI MCR-EX-IDS-I-I - Output signal conditioner
2908806 PHOENIX-2908806 Datasheet
363Kb / 11P
MINI MCR-EX-IDS-I-I-PT - Output signal conditioner
More results

Similar Description - 2908804

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2865382 PHOENIX-2865382 Datasheet
259Kb / 13P
2-channel repeater power supply, Ex i
2901995 PHOENIX-2901995 Datasheet
100Kb / 5P
Loop-powered isolators - MINI MCR-2-I-I-ILP-PT
2901999 PHOENIX-2901999 Datasheet
91Kb / 5P
Signal conditioner - MINI MCR-2-I-I-PT
2902014 PHOENIX-2902014 Datasheet
96Kb / 5P
Repeater power supply - MINI MCR-2-RPSS-I-I
2902015 PHOENIX-2902015 Datasheet
95Kb / 5P
Repeater power supply - MINI MCR-2-RPSS-I-I-PT
2904963 PHOENIX-2904963 Datasheet
83Kb / 5P
Repeater power supply - MACX PL-EX-RPSS-2I-2I
2924207 PHOENIX-2924207 Datasheet
96Kb / 5P
Repeater power supply - MACX MCR-SL-RPSSI-I-SP
2924210 PHOENIX-2924210 Datasheet
99Kb / 5P
Repeater power supply - MACX MCR-SL-RPSSI-I-UP-SP
logo
Pepperl+Fuchs Inc.
ENT-DC-30 PF-ENT-DC-30 Datasheet
563Kb / 2P
Ex i power supply
logo
PHOENIX CONTACT
2865243 PHOENIX-2865243 Datasheet
107Kb / 5P
Repeater power supply - PI-EX-RPSS
11/05/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com