Electronic Components Datasheet Search
  English  ▼

X  

2908804 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2908804
Description  MINI MCR-EX-RPSS-I-I-PT - Repeater power supply
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2908804 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2908804 Datasheet HTML 1Page - PHOENIX CONTACT 2908804 Datasheet HTML 2Page - PHOENIX CONTACT 2908804 Datasheet HTML 3Page - PHOENIX CONTACT 2908804 Datasheet HTML 4Page - PHOENIX CONTACT 2908804 Datasheet HTML 5Page - PHOENIX CONTACT 2908804 Datasheet HTML 6Page - PHOENIX CONTACT 2908804 Datasheet HTML 7Page - PHOENIX CONTACT 2908804 Datasheet HTML 8Page - PHOENIX CONTACT 2908804 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Technical data
Product properties
Product type
Repeater power supply
Product family
MINI Analog Pro
Application
Analog IN
Electrical properties
Electrical isolation between input and output
yes
Line monitoring
Line fault detection
Signal transmission behavior
In = Out
Step response (10-90%)
≤ 10 ms
Maximum temperature coefficient
≤ 0.01 %/K
Maximum transmission error
≤ 0.1 %
Reverse polarity protection
yes
Electrical isolation
Overvoltage category
II (≤ 5000 m)
Pollution degree
2 (≤ 5000 m)
Electrical isolation Input/output/power supply IEC/EN 61010-1
Standards/regulations
IEC/EN 61010-1
Rated insulation voltage
300 Vrms
Test voltage
2.5 kV AC (50 Hz, 60 s)
Insulation
Double/reinforced insulation
Electrical isolation Input/output, power supply IEC/EN 60079-11
Standards/regulations
IEC/EN 60079-11
Rated insulation voltage
253 Vrms
Electrical isolation Input/output/power supply IEC/EN 60079-7
Standards/regulations
IEC/EN 60079-7
Rated insulation voltage
251 Vrms
Supply
Nominal supply voltage
24 V DC
Supply voltage range
19.2 V DC ... 30 V DC
Power consumption
≤ 1.4 W
Input data
Signal: Repeater power supply operation
Description of the input
Active current input, intrinsically safe
Current input signal
4 mA ... 20 mA
> 16 V (20 mA)
Transmitter supply voltage
> 15.75 V (21 mA)
MINI MCR-EX-RPSS-I-I-PT - Repeater power supply
2908804
https://www.phoenixcontact.com/us/products/2908804
Nov 10, 2025, 12:24AM
Page 2 (12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com