Electronic Components Datasheet Search
  English  ▼

X  

PI74LPT374CS Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI74LPT374CS
Description  Fast CMOS 3.3V Octal D Flip-Flop
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74LPT374CS Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI74LPT374CS Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74LPT374CS Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74LPT374CS Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74LPT374CS Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74LPT374CS Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74LPT374CS Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
PS8503A
10/06/04
PI74LPT374
Fast CMOS 3.3V Octal D Flip-Flop
Switching Characteristics over Operating Range(1)
Parameters
Description
Conditions(2)
LPT374
LPT374C
Unit
Com.
Com.
Min(3)
Max
Min(3)
Max
FMAX
Maximum Clock Frequency
CL = 50pF
RL = 500 Ω
150
150
MHz
tPLH
tPHL
Propagation Delay xCLK to xOx
2.0
8.0
2.0
4.5
ns
tPZH
tPZL
Output Enable Time(4) xOE to
xOx
1.5
8.5
1.5
5.5
tPHZ
tPLZ
Output Disenable Time xOE to
xOx
1.5
8.5
1.5
5.0
tSU
Setup time HIGH or LOW, xDx to
xCLK
2.0
2.0
tH
HOLD time HIGH or LOW, xDx
to xCLK
1.5
1.5
tW
xCLK Pulse Width(4) HIGH
7.0
5.0
tSK(o)
Output Skew(5)
0.5
0.5
Notes:
1.
Propagation Delays and Enable/Disable times are with VCC = 3.3V ±0.3V, normal range. For VCC = 2.7V, extended range, all Propagation
Delays and Enable/Disable times should be degraded by 20%.
2.
See test circuit and wave forms.
3.
Minimum limits are guaranteed but not tested on Propagation Delays.
4.
This parameter is guaranteed but not production tested.
5.
Skew between any two outputs, of the same package, switching in the same direction. This parameter is guaranteed by design.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com