Electronic Components Datasheet Search
  English  ▼

X  

PI74LPT374CS Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI74LPT374CS
Description  Fast CMOS 3.3V Octal D Flip-Flop
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74LPT374CS Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI74LPT374CS Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74LPT374CS Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74LPT374CS Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74LPT374CS Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74LPT374CS Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74LPT374CS Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
PS8503A
10/06/04
Block Diagram
Description
Pericom Semiconductor’s PI74LPT374 8-bit wide octal
resisters designed with eight D-type flip-flops, a buffered
common clock, and buffered 3-state outputs. When
output enable (OE) is LOW, the outputs are enabled.
When OE is HIGH, the outputs are in the high impedance state.
Input data meeting the setup and hold time requirements of the
D inputs is transferred to the O outputs on the LOW-to-HIGH
transition of the clock input.
The PI74LPT374 can be driven from either 3.3V or 5.0V devices
allowing for the device to be used as a translator in a mixed
3.3V/5.0V system.
PI74LPT374
Fast CMOS 3.3V Octal D Flip-Flop
Pin Configuration
Features
• Compatible with LCX™ and LVT™ families of products
• Supports 5V Tolerant Mixed Signal Mode Operation
– Input can be 3V or 5V
– Output can be 3V or connected to 5V bus
• Advanced Low Power CMOS Operation
• Excellent output drive capability:
Balanced drives (24mA sink and source)
• Low ground bounce outputs
• Hysteresis on all inputs
• Industrial operating temperature range: –40°C to +85°C
• Packaging:
– 20-pin 173-mil wide plastic TSSOP (L)
– 20-pin 150-mil wide plastic QSOP (Q)
– 20-pin 300-mil wide plastic SOIC (S)
OE
CP
O0
CP
D
D0
TO 7 OTHER CHANNELS
Pin Description
Pin Name
Description
OE
Output Enable Input (Active LOW)
CP
Clock Pulse, LOW-to-HIGH Transition
D7-D0
Data Inputs
O7-O0
3-State Outputs
GND
Ground
VCC
Power
Truth Table(1)
Inputs
Outputs
DN
CP
OE
ON
H
↑
L
H
L
↑
L
L
X
X
H
Z
Note:
1.
H = High Voltage Level, X = Don’t Care,
L = Low Voltage Level, Z = High Impedance
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
Vcc
O7
D7
D6
O6
O5
D5
D4
O4
CP
OE
O0
D0
D1
O1
O2
D2
D3
O3
GND


Similar Part No. - PI74LPT374CS

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LPT16244 PERICOM-PI74LPT16244 Datasheet
137Kb / 5P
3.3V, 16-Bit Buffer/Line Driver
PI74LPT16244AAE PERICOM-PI74LPT16244AAE Datasheet
408Kb / 6P
3.3V, 16-Bit Buffer/Line Driver
PI74LPT16244AE PERICOM-PI74LPT16244AE Datasheet
408Kb / 6P
3.3V, 16-Bit Buffer/Line Driver
PI74LPT16244CAE PERICOM-PI74LPT16244CAE Datasheet
408Kb / 6P
3.3V, 16-Bit Buffer/Line Driver
PI74LPT16244CV PERICOM-PI74LPT16244CV Datasheet
408Kb / 6P
3.3V, 16-Bit Buffer/Line Driver
More results

Similar Description - PI74LPT374CS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT273 PHILIPS-74LVT273 Datasheet
94Kb / 11P
3.3V Octal D flip-flop
1998 Feb 19
logo
Integrated Device Techn...
IDT74FCT273T IDT-IDT74FCT273T Datasheet
109Kb / 7P
FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
IDT74FCT377T IDT-IDT74FCT377T Datasheet
111Kb / 7P
FAST CMOS OCTAL D FLIP-FLOP WITH CLOCK ENABLE
logo
Pericom Semiconductor C...
PI74LCX374 PERICOM-PI74LCX374 Datasheet
162Kb / 6P
Fast CMOS 3.3V Octal D Flip-Flop
PI74FCT377T PERICOM-PI74FCT377T Datasheet
44Kb / 3P
FAST CMOS OCTAL D FLIP-FLOP WITH CLOCK ENABLE
P174FCT2273T PERICOM-P174FCT2273T Datasheet
49Kb / 4P
Fast CMOS Octal D Flip-Flop with Master Reset
PI74FCT273T PERICOM-PI74FCT273T Datasheet
148Kb / 6P
Fast CMOS Octal D Flip-Flop with Master Reset
logo
Integrated Device Techn...
7028L20PFI IDT-7028L20PFI Datasheet
81Kb / 7P
FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
74FCT244P IDT-74FCT244P Datasheet
81Kb / 7P
FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
74ALVCH245PG IDT-74ALVCH245PG Datasheet
81Kb / 7P
FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com