Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC1GX04DBVT Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LVC1GX04DBVT
Description  SN74LVC1GX04 Crystal Oscillator Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1GX04DBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC1GX04DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC1GX04DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1GX04DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1GX04DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1GX04DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1GX04DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1GX04DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1GX04DBVT Datasheet HTML 9Page - Texas Instruments SN74LVC1GX04DBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
SN74LVC1GX04
SCES581D – JULY 2004 – REVISED OCTOBER 2015
www.ti.com
6.6 Switching Characteristics, SN74LVC1GX04
over recommended operating free-air temperature range, CL = 15 pF (unless otherwise noted) (see Figure 2)
FROM
TO
PARAMETER
TEMPERATURE
VCC
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
VCC = 1.8 V ± 0.15 V
1
4
VCC = 2.5 V ± 0.2 V
0.8
2.6
X2
–40°C to 85°C
VCC = 3.3 V ± 0.3 V
0.6
2.4
VCC = 5 V ± 0.5 V
0.5
2
tpd
X1
ns
VCC = 1.8 V ± 0.15 V
3.5
10
VCC = 2.5 V ± 0.2 V
2.2
6
Y(1)
–40°C to 85°C
VCC = 3.3 V ± 0.3 V
2
5
VCC = 5 V ± 0.5 V
1.5
3.5
(1)
X2 – no external load
6.7 Switching Characteristics, SN74LVC1GX04
over recommended operating free-air temperature range, CL = 30 pF or 50 pF (unless otherwise noted) (see Figure 3)
FROM
TO
PARAMETER
TEMPERATURE
VCC
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
VCC = 1.8 V ± 0.15 V
1.1
7
VCC = 2.5 V ± 0.2 V
0.8
4
X2
–40°C to 85°C
VCC = 3.3 V ± 0.3 V
0.8
3.7
VCC = 5 V ± 0.5 V
0.8
3
tpd
X1
ns
VCC = 1.8 V ± 0.15 V
3.8
18
VCC = 2.5 V ± 0.2 V
2
7.4
Y(1)
–40°C to 85°C
VCC = 3.3 V ± 0.3 V
2
7.8
VCC = 5 V ± 0.5 V
2
5
(1)
X2 – no external load
6.8 Switching Characteristics, SN74LVC1GX04
over recommended operating free-air temperature range, CL = 30 pF or 50 pF (unless otherwise noted) (see Figure 3)
FROM
TO
PARAMETER
TEMPERATURE
VCC
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
VCC = 1.8 V ± 0.15 V
1.1
8
VCC = 2.5 V ± 0.2 V
0.8
5
X2
–40°C to 125°C
VCC = 3.3 V ± 0.3 V
0.8
4.3
VCC = 5 V ± 0.5 V
0.8
3.5
tpd
X1
ns
VCC = 1.8 V ± 0.15 V
3.8
20
VCC = 2.5 V ± 0.2 V
2
8.4
Y(1)
–40°C to 125°C
VCC = 3.3 V ± 0.3 V
2
8.8
VCC = 5 V ± 0.5 V
2
5.5
(1)
X2 – no external load
6.9 Operating Characteristics
TA = 25°C
TEST
PARAMETER
VCC
TYP
UNIT
CONDITIONS
VCC = 1.8 V
22
VCC = 2.5 V
22
Cpd
Power dissipation capacitance
f = 10 MHz
pF
VCC = 3.3 V
24
VCC = 5 V
35
6
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: SN74LVC1GX04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com