Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC1GX04DBVT Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC1GX04DBVT
Description  SN74LVC1GX04 Crystal Oscillator Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1GX04DBVT Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1GX04DBVT Datasheet HTML 1Page - Texas Instruments SN74LVC1GX04DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC1GX04DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1GX04DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1GX04DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1GX04DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1GX04DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1GX04DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1GX04DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
RF ≅ 2.2 MΩ
CL ≅ 16 pF
C1 ≅ 32 pF
C2 ≅ 32 pF
X2
X1
CLOAD
RLOAD
a) Logic Diagram View
Rs ≅ 1 kΩ
Y
SN74LVC1GU04
Portion
SN74LVC1G04
Portion
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74LVC1GX04
SCES581D – JULY 2004 – REVISED OCTOBER 2015
SN74LVC1GX04 Crystal Oscillator Driver
1 Features
3 Description
The SN74LVC1GX04 device is designed for 1.65-V to
1
•
Available in Texas Instruments NanoStar™ and
5.5-V VCC operation. This device incorporates the
NanoFree™ Packages
SN74LVC1GU04 (inverter with unbuffered output)
•
Supports 5-V VCC Operation
and the SN74LVC1G04 (inverter) functions into a
•
Inputs Accept Voltages to 5.5 V
single device. The LVC1GX04 is optimized for use in
crystal oscillator applications.
•
One Unbuffered Inverter (SN74LVC1GU04) and
One Buffered Inverter (SN74LVC1G04)
X1 and X2 can be connected to a crystal or resonator
in oscillator applications. The device provides an
•
Suitable for Commonly Used Clock Frequencies:
additional buffered inverter (Y) for signal conditioning
–
15 kHz, 3.58 MHz, 4.43 MHz, 13 MHz,
(see Figure 5). The additional buffered inverter
25 MHz, 26 MHz, 27 MHz, 28 MHz
improves the signal quality of the crystal oscillator
•
Maximum tpd of 2.4 ns at 3.3 V
output by making it rail to rail.
•
Low Power Consumption, 10-
μA Maximum ICC
NanoStar and NanoFree package technology is a
•
±24-mA Output Drive at 3.3 V
major breakthrough in IC packaging concepts, using
the die as the package.
•
Ioff Supports Partial-Power-Down Mode Operation
•
Latch-Up Performance Exceeds 100 mA Per
This device is fully specified for partial-power-down
JESD 78, Class II
applications using Ioff (Y output only). The Ioff circuitry
disables the outputs, preventing damaging current
•
ESD Protection Exceeds JESD 22
backflow through the device when it is powered
–
2000-V Human Body Model (A114-A)
down.
–
1000-V Charged-Device Model (C101)
Device Information(1)
2 Applications
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74LVC1GX04DB
•
Crystal Oscillators
SOT-23 (6)
2.90 mm × 1.60 mm
V
•
Clock Generation
SN74LVC1GX04DC
SC70 (6)
2.00 mm × 1.25 mm
K
SN74LVC1GX04DR
SOT (6)
1.60 mm × 1.20 mm
L
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Functional Block Diagram
SN74LVC1GX04 includes both dotted portions
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - SN74LVC1GX04DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1GX04DBVT TI-SN74LVC1GX04DBVT Datasheet
301Kb / 13P
CRYSTAL OSCILLATOR DRIVER
SN74LVC1GX04DBVT TI1-SN74LVC1GX04DBVT Datasheet
718Kb / 19P
CRYSTAL OSCILLATOR DRIVER
DECEMBER2006
SN74LVC1GX04DBVT TI1-SN74LVC1GX04DBVT Datasheet
1Mb / 27P
Crystal Oscillator Driver
SN74LVC1GX04DBVT TI2-SN74LVC1GX04DBVT Datasheet
855Kb / 30P
SN74LVC1GX04 Crystal Oscillator Driver
REVISED OCTOBER 2015
SN74LVC1GX04DBVT.B TI2-SN74LVC1GX04DBVT.B Datasheet
855Kb / 30P
SN74LVC1GX04 Crystal Oscillator Driver
REVISED OCTOBER 2015
More results

Similar Description - SN74LVC1GX04DBVT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CARD_74LVC1GX04 PHILIPS-CARD_74LVC1GX04 Datasheet
97Kb / 2P
One chip crystal oscillator driver
August 2003
logo
Texas Instruments
SN74LVC1GX04 TI-SN74LVC1GX04 Datasheet
301Kb / 13P
CRYSTAL OSCILLATOR DRIVER
SN74LVC1404 TI-SN74LVC1404 Datasheet
309Kb / 16P
OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
logo
Epson ToYoCom
TG-2832CB EPSONTOYOCOM-TG-2832CB Datasheet
477Kb / 1P
Crystal oscillator
logo
Texas Instruments
SN74LVC1404 TI-SN74LVC1404_07 Datasheet
466Kb / 17P
OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
SN74LVC1404 TI-SN74LVC1404_09 Datasheet
565Kb / 18P
OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
SN74LVC1GX04 TI1-SN74LVC1GX04_06 Datasheet
718Kb / 19P
CRYSTAL OSCILLATOR DRIVER
DECEMBER2006
SN74LVC1GX04-EP TI1-SN74LVC1GX04-EP Datasheet
442Kb / 15P
CRYSTAL OSCILLATOR DRIVER
SN74LVC1GX04 TI1-SN74LVC1GX04_15 Datasheet
1Mb / 27P
Crystal Oscillator Driver
logo
STMicroelectronics
RHFOSC04 STMICROELECTRONICS-RHFOSC04 Datasheet
1Mb / 16P
Rad-hard, crystal oscillator driver and divider
13-May-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com