Electronic Components Datasheet Search
  English  ▼

X  

595021 Datasheet(PDF) 2 Page - Multicomp Pro

Part # 595021
Description  Type HS10 Solder Wire
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

595021 Datasheet(HTML) 2 Page - Multicomp Pro

  595021 Datasheet HTML 1Page - Multicomp Pro 595021 Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page <2>
V1.0
25/08/21
Type HS10 Solder Wire
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Solder Wire, Lead Free, 0.5mm, 250g
595000
Solder Wire, Lead Free, 0.5mm, 250g
507-1290
Solder Wire, Lead Free, 0.7mm, 250g
595001
Solder Wire, Lead Free, 0.7mm, 250g
595021
Solder Wire, Lead Free, 0.7mm, 500g
595024
Solder Wire, Lead Free, 0.9mm, 250g
507-1318
Solder Wire, Lead Free, 0.9mm, 500g
507-1355
Solder Wire, Lead Free, 1.2mm, 250g
595003
Solder Wire, Lead Free, 1.2mm, 250g
507-1320
Solder Wire, Lead Free, 1.2mm, 500g
507-1367
Solder Wire, Lead Free, 1mm, 250g
595002



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com