Electronic Components Datasheet Search
  English  ▼

X  

595021 Datasheet(PDF) 1 Page - Multicomp Pro

Part # 595021
Description  Type HS10 Solder Wire
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

595021 Datasheet(HTML) 1 Page - Multicomp Pro

  595021 Datasheet HTML 1Page - Multicomp Pro 595021 Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.0
25/08/21
Type HS10 Solder Wire
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Description
The electronic solder wire HS10 is a proven and reliable product of research, which was
developed to meet high quality requirements in industrial electronic production as well as for
quick rework. The solder wire HS10 is very efficient by its high activity, which results in quick
spread of solder and electrical safe residues. It is a halide activated rosin (colophony) flux.
The solder wire HS10 according to J-STD-004 type ROM1.
Applications
The solder wire HS10 can be used for hand and robot soldering in electronics and electrical assembly, audio devices and
telecommunication. Flux residues can remain on surfaces without cleaning.
Features
• Solid and dry residues, pin testable
• Fast soldering, high spread speed
• High reliability
Physical Properties and Data
General Properties
HS10
Flux Type
ROM1 / J-STD-004
Flux Content
standard 2.5 weight % ± 0.3 %
Halide Content
0.9%
Corrosion Effect
None / J-STD-004
Standard alloys
acc. to ISO 9453:2014
Lead-containing:
Lead-free (Ecoloy Serie)
S-Sn60Pb40
Ecoloy TS (S-Sn96.3Ag3.7)
S-Sn60Pb39Cu1
Ecoloy TSC (S-Sn95.5Ag3.8Cu0.7)
S-Pb60Sn40
Ecoloy TC (S-Sn99.3Cu0.7)
S-Sn62Pb36Ag2
Ecoloy TSC305 (S-Sn96Ag3Cu0.5)
S-Sn63Pb37*
-
S-Pb93Sn5Ag2
-
Available Diameters
from 0.3mm
Available Reel Sizes
250g
* This alloy is subject to a MOQ


Similar Part No. - 595021

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5950 POMONA-5950 Datasheet
20Kb / 1P
Replacement Tip Probe To Banana Plug Set
logo
ebm-papst
5950 EBMPAPST-5950 Datasheet
443Kb / 1P
TUBEAXIAL
5950 EBMPAPST-5950 Datasheet
293Kb / 4P
AC axial compact fan
logo
Heyco.
5950 HEYCO-5950 Datasheet
318Kb / 2P
Heavy Duty Male Blades for Range and Dryer
logo
ebm-papst
5950-503 EBMPAPST-5950-503 Datasheet
443Kb / 1P
TUBEAXIAL
More results

Similar Description - 595021

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0539880619 MOLEX7-0539880619 Datasheet
129Kb / 3P
2.00mm (.079") Pitch Serial I/O Connector, Receptacle, Wire-to-Wire, Solder Type, 6Circuits, Lead-free
logo
3M Electronics
78-5100-2557-6 3M-78-5100-2557-6 Datasheet
241Kb / 1P
INDUSTRIAL M12 WIRE MOUNT, FOR D-CODE, MALE, SOLDER TYPE
78-5100-2558-4 3M-78-5100-2558-4 Datasheet
231Kb / 1P
INDUSTRIAL M12 WIRE MOUNT, FOR D-CODE, FEMALE, SOLDER TYPE
Sep-2006
78-5100-2559-2 3M-78-5100-2559-2 Datasheet
269Kb / 1P
INDUSTRIAL M12 WIRE MOUNT, FOR A-CODE, MALE, SOLDER TYPE
Sep-2006
78-5100-2560-0 3M-78-5100-2560-0 Datasheet
228Kb / 1P
INDUSTRIAL M12 WIRE MOUNT, FOR A-CODE, FEMALE, SOLDER TYPE
Sep-2006
logo
Adam Technologies, Inc.
HDMI-PLUG-OM ADAM-TECH-HDMI-PLUG-OM Datasheet
82Kb / 1P
HDMI TYPE PLUG SOLDER TYPE
HDMI-PLUG-OM1 ADAM-TECH-HDMI-PLUG-OM1 Datasheet
112Kb / 1P
HDMI TYPE PLUG SOLDER TYPE
HDMI-PLUG-OM2 ADAM-TECH-HDMI-PLUG-OM2 Datasheet
87Kb / 1P
HDMI TYPE PLUG SOLDER TYPE
HDMI-PLUG-OM2-15 ADAM-TECH-HDMI-PLUG-OM2-15 Datasheet
88Kb / 1P
HDMI TYPE PLUG SOLDER TYPE
logo
Soberton Inc.
SP-4005-1 SOBERTON-SP-4005-1 Datasheet
238Kb / 1P
Solder Eyelet Wire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com