Electronic Components Datasheet Search
  English  ▼

X  

UCC24612-2DBVR Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC24612-2DBVR
Description  UCC24612 High Frequency Synchronous Rectifier Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC24612-2DBVR Datasheet(HTML) 2 Page - Texas Instruments

  UCC24612-2DBVR Datasheet HTML 1Page - Texas Instruments UCC24612-2DBVR Datasheet HTML 2Page - Texas Instruments UCC24612-2DBVR Datasheet HTML 3Page - Texas Instruments UCC24612-2DBVR Datasheet HTML 4Page - Texas Instruments UCC24612-2DBVR Datasheet HTML 5Page - Texas Instruments UCC24612-2DBVR Datasheet HTML 6Page - Texas Instruments UCC24612-2DBVR Datasheet HTML 7Page - Texas Instruments UCC24612-2DBVR Datasheet HTML 8Page - Texas Instruments UCC24612-2DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
2
UCC24612
SLUSCM5A – AUGUST 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 3
6.1
Absolute Maximum Ratings ...................................... 3
6.2
ESD Ratings ............................................................ 4
6.3
Recommended Operating Conditions ....................... 5
6.4
Thermal Information .................................................. 5
6.5
Electrical Characteristics........................................... 6
6.6
Timing Requirements ................................................ 7
6.7
Typical Characteristics .............................................. 8
7
Detailed Description ............................................ 10
7.1
Overview ................................................................. 10
7.2
Functional Block Diagram ....................................... 10
7.3
Feature Description................................................. 11
7.4
Device Functional Modes........................................ 22
8
Application and Implementation ........................ 23
8.1
Application Information............................................ 23
8.2
Typical Application ................................................. 23
9
Power Supply Recommendations ...................... 29
10
PCB Layout .......................................................... 31
10.1
Layout Guidelines ................................................. 31
10.2
Layout Example .................................................... 31
11
Device and Documentation Support ................. 32
11.1
Community Resources.......................................... 32
11.2
Trademarks ........................................................... 32
11.3
Electrostatic Discharge Caution ............................ 32
11.4
Glossary ................................................................ 32
12
Mechanical, Packaging, and Orderable
Information ........................................................... 32
4 Revision History
DATE
REVISION
NOTES
February 2018
A
Initial release.
Table 1. Device Comparison
ORDERABL
E PART
NUMBER
TURN ON PROPAGATION
DELAY
MINIMUM ON TIME
MAXIMUM SWITCHING
FREQUENCY
BEST SUITABLE
TOPOLOGIES
UCC24612-1
80 ns
375 ns
1 MHz
CCM/DCM/QR Flyback,
Active Clamp Flyback using
GaN MOSFET as primary-
side switch
UCC24612-2
170 ns
540 ns
800 kHz
LLC, Active Clamp Flyback
using Si MOSFET as
primary-side switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com