Electronic Components Datasheet Search
  English  ▼

X  

UCC24612-2DBVR Datasheet(PDF) 21 Page - Texas Instruments

Part # UCC24612-2DBVR
Description  UCC24612 High Frequency Synchronous Rectifier Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC24612-2DBVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button UCC24612-2DBVR Datasheet HTML 17Page - Texas Instruments UCC24612-2DBVR Datasheet HTML 18Page - Texas Instruments UCC24612-2DBVR Datasheet HTML 19Page - Texas Instruments UCC24612-2DBVR Datasheet HTML 20Page - Texas Instruments UCC24612-2DBVR Datasheet HTML 21Page - Texas Instruments UCC24612-2DBVR Datasheet HTML 22Page - Texas Instruments UCC24612-2DBVR Datasheet HTML 23Page - Texas Instruments UCC24612-2DBVR Datasheet HTML 24Page - Texas Instruments UCC24612-2DBVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
21
UCC24612
www.ti.com
SLUSCM5A – AUGUST 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Feature Description (continued)
7.3.3.3 SR Turn-on Re-arm
The VG output may only turn on when the controller has been armed for the next switching cycle. The controller
is armed for each successive SR cycle only after TOFFBLANK expires. The TOFFBLANK timer only starts after VD
pin voltage rises 500 mV above the VS pin.
7.3.4 Gate Voltage Clamping
With the wide VDD voltage range capability, UCC24612 clamps the gate driver voltage to a maximum level of 9.5
V to allow fast driving speed, low driving loss and compatibility with different MOSFETs. The 9.5-V level is
chosen to minimize the conduction loss for the non-logic level MOSFETs.
The gate driver voltage clamp is achieved through the regulated REG pin voltage. When VDD voltage is above
9.5 V, the linear regulator regulates the REG pin voltage to be 9.5 V, which is also the power supply of the gate
driver stage. This way, the MOSFET gate is clamped at 9.5 V, regardless of how high the VDD voltage is. When
the VDD voltage is close to or below the programmed REG pin regulation voltage, UCC24612 can no longer
regulate the REG pin voltage. Instead, it enters a pass-through mode where the REG pin voltage follows the
VDD pin voltage with slight voltage drop out (VREGDO). During this time, the gate driver voltage is lower than its
programmed value but still provides SR driving capability. The UCC24612 is disabled once the REG pin voltage
drops below its UVLO level.
7.3.5 Standby Mode
With more stringent efficiency standards such as Department of Energy (DoE) level VI, external power supplies
are expected to maintain very low standby power at no-load conditions. It is essential for the SR controller to
enter the low-power standby mode to help save standby power.
During standby mode, the power converter loss allocation is quite different compared to heavy load. At heavier
load, both conduction loss and switching loss are quite high. However, at light load, the conduction loss becomes
insignificant and switching loss dominates. To help improve standby power, modern power supply controllers
often enter burst mode to save switching loss. Furthermore, in each burst switching cycle, the energy delivered is
maximized to minimize the number of switching cycles needed and further reduce the switching loss.
Traditionally, the SR controller monitors the SR conduction time to distinguish normal operating modes from
standby mode. This criterion is no longer suitable for the modern power supply controller designed for delivering
minimum standby power.
Instead, in UCC24612, a frequency based standby mode detection is used. UCC24612 continuously monitors the
average switching frequency of the SR. Once the average switching frequency of the SR controller drops below
12 kHz, the UCC24612 enters standby mode and reduces its current consumption to IVDDSTBY. During standby
mode, the VG pin is kept low while the SR switching cycle is continuously monitored. Once the average
switching frequency is more than 15 kHz over a 4.5-ms window, the SR operation is enabled again. UCC24612
ignores the first six SR switching cycles after coming out of standby mode to make sure the SR isn't turned on in
the middle of the switching cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com